Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • 2SD965L-R-T92-R

  • AI
    The **2SD965L-R-T92-R** is a specific variant of the 2SD965 NPN epitaxial silicon transistor. It is widely recognized for its high current capacity despite its small physical size, making it a staple in portable electronic devices. --- ### 1. Part Number Breakdown Understanding the suffix codes is crucial for sourcing the exact component: | Component Segment | Meaning | | :--- | :--- | | **2SD965** | Base part number (NPN Silicon Transistor) | | **L** | Lead-free / RoHS Compliant | | **R** | hFE (Current Gain) Classification (Typically 230 – 600) | | **T92** | Package Type (TO-92) | | **-R** | Packing Style (Usually indicates "Tape & Reel" or "Ammo Pack") | --- ### 2. Key Technical Specifications This transistor is designed for low-voltage, high-current applications. | Parameter | Value | | :--- | :--- | | **Transistor Type** | NPN | | **Collector-Emitter Voltage ($V_{CEO}$)** | 20V | | **Collector-Base Voltage ($V_{CBO}$)** | 40V | | **Emitter-Base Voltage ($V_{EBO}$)** | 7V | | **Collector Current ($I_C$)** | 5.0A (Continuous) | | **DC Current Gain ($h_{FE}$)** | 230 to 600 (R-Rank) | | **Power Dissipation ($P_D$)** | 750mW | | **Transition Frequency ($f_T$)** | 150 MHz (Typical) | --- ### 3. Pin Configuration (TO-92 Package) When looking at the flat side of the transistor with the leads pointing down: 1. **Emitter (E)**: Left lead. 2. **Collector (C)**: Middle lead. 3. **Base (B)**: Right lead. --- ### 4. Typical Applications Due to its high collector current ($5A$), the 2SD965 is commonly found in: * **Camera Strobes/Flashes**: Handling high-intensity pulses. * **DC-DC Converters**: Acting as a high-speed switch. * **Motor Drivers**: Controlling small DC motors in toys or portable devices. * **Audio Power Amplifiers**: Used in the output stages of low-voltage audio gear. --- ### 5. Implementation Example Here is a simple example of how the 2SD965 might be represented in a switching circuit logic: ```cpp // Logic for driving a high-current load (e.g., Motor) via 2SD965 // Microcontroller Output -> Resistor -> 2SD965 Base Base_Resistor = (V_out - V_be) / (I_collector / hFE_min); // Note: Ensure a flyback diode is used if driving inductive loads. ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the R
    • ⤷ S
    • ⤷ and T gain classifications for this transistor?
    • ⤷ Can the 2SD965 be used as a direct replacement for a SS8050?
    • ⤷ What is the recommended base resistor value when switching a 2A load at 5V?