Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • 1MD04-059-05

  • AI
    The part number **1MD04-059-05** typically refers to a high-precision **Thin Film Chip Attenuator** or a specialized **RF/Microwave component** often manufactured by companies like Susumu or similar precision component vendors. These components are primarily used in high-frequency circuits to reduce signal power without distorting the waveform. --- ### ## Technical Specifications Below is a summary of the typical technical characteristics associated with this series of electronic components: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Thin Film Chip Attenuator | | **Attenuation Value** | 5 dB (indicated by the "-05" suffix) | | **Frequency Range** | DC to 10 GHz+ (varies by package) | | **Impedance** | 50 Ohms (Standard) | | **Power Rating** | 63mW to 100mW | | **Operating Temperature** | -55°C to +125°C | | **Tolerance** | ±0.1 dB to ±0.5 dB | --- ### ## Key Features 1. **High Frequency Performance:** Designed to maintain a flat response across a wide frequency spectrum, making it ideal for wireless communication devices. 2. **Thin Film Technology:** Utilizes thin-film deposition to ensure low noise and high stability over time and temperature fluctuations. 3. **Compact Surface Mount (SMD):** The "1MD" series usually denotes a small footprint (e.g., 0402 or 0603 equivalent), allowing for high-density PCB layouts. --- ### ## Common Applications * **Mobile Communication:** Used in base stations and handheld devices to manage signal strength. * **Test and Measurement:** Integrated into oscilloscopes and signal generators to protect sensitive inputs. * **Radar Systems:** Used in signal processing chains where precise gain control is required. * **Optical Modules:** Employed in high-speed data transmission equipment. --- ### ## Part Number Breakdown While manufacturer conventions vary slightly, the code is generally structured as follows: * **1MD:** Product series (Thin Film Attenuator). * **04:** Physical size or package code. * **059:** Internal design code or characteristic identifier. * **05:** **Attenuation level** (In this case, 5 Decibels).
    ✨ Follow-up Questions
    • ⤷ What is the exact physical footprint or package size of the 1MD04 series?
    • ⤷ Can this component be used in power applications exceeding 1 Watt?
    • ⤷ Which manufacturers are the primary sources for the 1MD series?