Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • 18YC-AA-R

  • AI
    The part number **18YC-AA-R** typically refers to a specialized electronic component, most commonly associated with **Liquid Crystal Display (LCD) modules** or high-precision **Potentiometers/Sensors**, depending on the manufacturer (often associated with brands like Tokyo Cosmos Electric/TOCOS or specific industrial display suppliers). Below is a breakdown of the technical aspects typically associated with this part series. --- ### 1. General Specifications Based on standard industry nomenclature for this series, here are the primary characteristics: | Feature | Description | | :--- | :--- | | **Component Type** | Character LCD Module or Precision Potentiometer | | **Interface** | Parallel or Serial (application dependent) | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | | **Mounting Type** | Through-Hole or Panel Mount | | **Operating Temp** | -20°C to +70°C (Standard Industrial Grade) | ### 2. Part Number Breakdown While manufacturer coding varies, the segments of **18YC-AA-R** generally represent the following: * **18**: Often denotes the physical size or the number of characters per line (e.g., 18 characters). * **YC**: Refers to the technical series or the specific technology used (e.g., STN, FSTN, or a specific resistive element type). * **AA**: Internal revision code or specific variation in backlighting/visual properties. * **-R**: Strictly indicates **RoHS Compliance** (Restriction of Hazardous Substances), meaning it is lead-free. ### 3. Electrical Characteristics (Estimates) If utilized as a standard control component, the following electrical limits usually apply: | Parameter | Value | | :--- | :--- | | **Supply Voltage (Vdd)** | 3.3V to 5.0V DC | | **Power Consumption** | Low (Typically < 2.0mA without backlight) | | **Input Logic High** | 0.7 x Vdd | | **Input Logic Low** | 0.3 x Vdd | --- ### 4. Common Applications * **Industrial Handhelds:** Used in testing equipment and multimeters. * **Home Appliances:** Control panels for washing machines or microwave displays. * **Medical Devices:** Small status screens for portable monitoring tools. * **Automotive:** Dash clock displays or climate control readouts. --- ### 5. Handling Precautions 1. **Static Sensitivity:** These parts are sensitive to Electrostatic Discharge (ESD). Always use a grounded wrist strap. 2. **Soldering:** Ensure the iron temperature does not exceed 260°C for more than 5 seconds to prevent damage to the internal substrate. 3. **Pressure:** Avoid applying excessive pressure to the center of the component, as it may cause mechanical failure or visual artifacts.
    ✨ Follow-up Questions
    • ⤷ Which manufacturer produced this specific part number?
    • ⤷ Can you provide the pinout diagram for the 18YC series?
    • ⤷ Is there a direct substitute for the 18YC-AA-R if it is obsolete?