AI

The **1396-R2BK** is a specific electronic component, typically categorized as a **Regenerative DC Drive Fuse Kit** or a sub-assembly component for the Allen-Bradley (Rockwell Automation) 1396 series of high-performance DC drives.
These drives were widely used in industrial automation for controlling the speed and torque of DC motors in applications like paper mills, steel processing, and printing presses.
---
## 1. Technical Specifications & Overview
The "R2BK" suffix indicates a specific configuration, usually referring to a replacement fuse and hardware kit designed for the **200 HP (Horsepower)** frame size of the 1396 drive series.
| Attribute | Specification |
| :--- | :--- |
| **Series** | Allen-Bradley 1396 DC Drive |
| **Component Type** | Fuse Kit / Renewal Part |
| **Drive Power Rating** | Approximately 200 HP (Frame B) |
| **Drive Type** | Regenerative (Four-Quadrant) |
| **Voltage Class** | 230V - 460V AC Input |
---
## 2. Key Electronic Components
Within the 1396-R2BK kit or the associated drive section, the following electronic parts are critical:
### A. High-Speed Semiconductor Fuses
The primary purpose of this kit is to provide overcurrent protection for the **SCRs (Silicon Controlled Rectifiers)**.
* **Function:** These are "Fast-Acting" fuses designed to blow before the SCR bridge is destroyed during a short circuit or ground fault.
* **Rating:** Typically rated for high amperage (400A-600A depending on the specific drive sub-type) and high interrupting capacity.
### B. Rectifier Bridge (SCRs)
While the 1396-R2BK is the fuse kit, it protects the **Regenerative SCR Bridge**:
* **Regenerative Action:** Unlike standard drives, this unit has two sets of SCRs. One set handles forward motoring, while the other allows energy to be fed back (regenerated) into the AC line during braking.
### C. Snubber Network
Electronic components often associated with this kit include the **RC Snubber circuits**:
* **Resistors & Capacitors:** These are placed in parallel with the SCRs to suppress high-voltage spikes ($dv/dt$) that occur during switching.
---
## 3. Usage and Safety
When dealing with the 1396-R2BK parts, technicians must adhere to industrial safety standards:
1. **Discharge Time:** DC Drives contain large capacitors. Even after power is removed, lethal voltages may remain for several minutes.
2. **Torque Requirements:** When replacing the fuses in this kit, the mounting bolts must be torqued to specific inch-pounds to prevent arcing and overheating.
3. **Compatibility:** Ensure the "R2BK" matches the Frame size of your specific 1396 drive (e.g., Frame B vs. Frame C).
---
## 4. Maintenance Comparison
| Part Type | Regular Maintenance | Failure Symptom |
| :--- | :--- | :--- |
| **Fuse (1396-R2BK)** | Check for discoloration/heat | Drive Fault: "F1" or Phase Loss |
| **SCR Module** | Thermal paste check | Blown fuses, motor cogging |
| **Cooling Fans** | Clean dust/debris | Overtemperature trips |
- ⤷
What are the specific amperage ratings for the fuses in the 1396-R2BK kit?
- ⤷ How do I troubleshoot an 'Overcurrent' fault on an Allen-Bradley 1396 drive?
- ⤷ Is the 1396-R2BK compatible with non-regenerative 1395 series drives?