10VS4-GD6-R
AI

The part number **10VS4-GD6-R** refers to a specific type of **IEC Inlet Filter** (or Power Entry Module). These components are critical in electronics for power management and suppressing electromagnetic interference (EMI).
---
### 1. General Specifications
Based on the standard nomenclature for this series, here is the technical breakdown of the part:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | EMI/RFI Power Line Filter |
| **Connector Type** | IEC 320-C14 (Male Inlet) |
| **Current Rating** | 10 Amperes |
| **Voltage Rating** | 115/250 VAC |
| **Mounting Type** | Snap-in or Screw Mount (Series dependent) |
| **Termination** | Solder Lug or Quick Connect (Faston) |
| **Filter Stage** | Single Stage / General Purpose |
---
### 2. Part Number Breakdown
The code can typically be deciphered as follows:
* **10**: Indicates the rated current (**10 Amps**).
* **VS**: Refers to the series type (often a multi-function power entry module with a switch or fuse holder).
* **4**: Often denotes the mechanical configuration or the specific type of filter circuit (e.g., standard vs. medical).
* **GD6**: Usually refers to the output termination style (e.g., 6.3mm tabs) and the specific grounding configuration.
* **-R**: Typically signifies compliance with **RoHS** (Restriction of Hazardous Substances) standards.
---
### 3. Key Functions
The **10VS4-GD6-R** serves three primary purposes in an electronic device:
1. **EMI/RFI Suppression**: It filters out high-frequency noise from the power line that could interfere with sensitive electronics, and prevents noise from the device from leaking back into the grid.
2. **Power Connection**: It provides a standardized IEC-C14 port for a detachable power cord.
3. **Safety**: It often includes internal components like capacitors (X and Y types) and inductors (chokes) to manage transient voltage spikes and ground leakage.
---
### 4. Common Applications
* **Industrial Equipment**: Controlling motor noise or heavy machinery interference.
* **IT Infrastructure**: Servers, routers, and high-end workstations.
* **Test & Measurement**: Oscilloscopes and laboratory power supplies requiring clean signals.
* **Medical Devices**: If configured for low leakage (though standard versions are for general use).
---
- ⤷
What is the difference between this filter and a 'medical grade' version?
- ⤷ How do I determine if this part uses a fuse or a switch?
- ⤷ What are the dimensions for the panel cut-out for this series?