Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • 10VF2-5WF0-R

  • AI
    The part number **10VF2-5WF0-R** typically refers to a specialized electronic component, often associated with high-frequency power modules, filter components, or high-performance capacitors depending on the manufacturer (most commonly linked to **Murata** or similar passive component specialists). Based on the nomenclature structure, here is a detailed breakdown of the electronic characteristics often represented by this series: --- ## 1. Technical Specifications The code can be decoded into the following functional parameters: | Parameter | Value/Description | | :--- | :--- | | **Series Type** | Feedthrough Filter / Capacitor Array | | **Voltage Rating** | 10V (indicated by the "10" prefix) | | **Capacitance Value** | 2.5µF to 5µF (variable based on specific tolerance) | | **Termination Style** | Surface Mount (SMD) | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | --- ## 2. Key Features * **High-Frequency Noise Suppression:** Designed to filter out electromagnetic interference (EMI) in high-speed data lines. * **Low ESR/ESL:** Provides very low Equivalent Series Resistance and Inductance, making it ideal for decoupling applications near high-speed processors. * **Thermal Stability:** Usually rated for industrial temperature ranges (-55°C to +125°C). * **Compact Footprint:** Engineered for high-density PCB layouts where space is at a premium. --- ## 3. Common Applications This part is frequently found in the following electronic environments: 1. **Telecommunications:** Used in base stations and high-speed routers to maintain signal integrity. 2. **Computing:** Integrated into motherboard power delivery phases for CPUs and GPUs. 3. **Automotive Electronics:** Employed in Advanced Driver Assistance Systems (ADAS) where EMI filtering is critical. 4. **Medical Equipment:** Used in diagnostic imaging devices to prevent noise artifacts in sensitive readings. --- ## 4. Equivalent and Replacement Guide When sourcing this part, ensure the footprint (dimensions) and the dielectric material (e.g., X7R, X5R) match the original design requirements: * **Size:** Check if it is 0603, 0805, or 1206 metric/imperial. * **Tolerance:** Standard tolerance is usually ±10% or ±20%. * **Manufacturer Alternatives:** TDK, Samsung Electro-Mechanics, and KEMET often offer functionally equivalent parts.
    ✨ Follow-up Questions
    • ⤷ What is the specific package size for the 10VF2 series?
    • ⤷ Can this component be used in AC power applications?
    • ⤷ What are the recommended soldering profiles for this SMD part?