10RS-1D-R6-R/BL
AI

The part number **10RS-1D-R6-R/BL** refers to a specialized **Ribbon Cable Connector** (typically a Wire-to-Board IDC connector) manufactured by **JST (Japan Solderless Terminals)**.
Below is a detailed breakdown of the electronic specifications and characteristics for this component.
---
## 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | IDC (Insulation Displacement Connector) |
| **Pitch** | 2.5 mm |
| **Number of Circuits** | 10 Positions |
| **Mounting Type** | Through-hole (Vertical/Straight) |
| **Housing Material** | Nylon 66, UL94V-0 |
| **Contact Material** | Phosphor Bronze |
| **Plating** | Tin-plated |
| **Voltage Rating** | 250V AC/DC |
| **Current Rating** | 2A (AC/DC) |
---
## 2. Part Number Nomenclature
The alphanumeric string defines the specific configuration of the connector:
* **10**: Number of circuits (10 pins).
* **RS**: Series name (JST RS Series).
* **1D**: Designates the specific body style/entry angle.
* **R6**: Refers to the specific receptacle configuration or internal variant.
* **R/BL**: Indicates the color coding (typically **Red/Blue** markings for alignment) or packaging type.
---
## 3. Key Features
### IDC Technology
The "RS" series utilizes **Insulation Displacement** technology. This allows the connector to be terminated to a ribbon cable without stripping the insulation from individual wires, significantly speeding up the assembly process.
### Compact Design
With a 2.5mm pitch, it is designed for high-density electronic assemblies where space is at a premium, such as:
* Internal computer peripherals.
* Industrial control panels.
* Consumer electronics (TVs, Audio systems).
### Polarization and Locking
These connectors usually feature a physical polarization key to prevent incorrect mating (reversing the polarity), ensuring the circuit is connected safely every time.
---
## 4. Application Environments
This part is commonly found in environments requiring reliable, semi-permanent wire-to-board connections:
1. **Office Automation:** Printers and scanners.
2. **Home Appliances:** Control boards for washing machines or refrigerators.
3. **Telecommunications:** Signal routing between PCBs.
---
- ⤷What is the recommended wire gauge (AWG) for the JST RS series?
- ⤷ Are there right-angle versions of the 10RS-1D-R6-R/BL?
- ⤷ What tools are required for the IDC termination of this connector?