10RS-0F-R6-R/BL
AI

Based on the part number **10RS-0F-R6-R/BL**, this component is a specific type of **FPC (Flexible Printed Circuit) / FFC (Flat Flexible Cable) Connector** manufactured by **JST (Japan Solderless Terminals)**.
Below is a detailed breakdown of its specifications and technical characteristics.
---
## 1. Technical Specifications
This connector belongs to the **RS series**, which is known for its compact design and reliability in high-density surface mount applications.
| Feature | Specification |
| :--- | :--- |
| **Series** | RS Series |
| **Number of Circuits** | 10 Pins |
| **Pitch** | 1.0 mm (0.039") |
| **Mounting Type** | Surface Mount (SMT) |
| **Orientation** | Right Angle / Side Entry |
| **Contact Style** | Non-ZIF (Zero Insertion Force) / LIF (Low Insertion Force) |
| **Packaging** | Tape and Reel (indicated by R/BL) |
---
## 2. Part Number Breakdown
Understanding the nomenclature helps in identifying the exact physical configuration:
* **10**: Number of circuits (10 positions).
* **RS**: Series name (1.0mm pitch FFC/FPC connector).
* **0F**: Specific model/mating height code.
* **R6**: Revision or specific design variation indicator.
* **R/BL**: Indicates the packaging method (Embossed Tape and Reel for automated assembly).
---
## 3. Key Features & Materials
The 10RS-0F-R6-R/BL is designed for small electronic devices where space is at a premium.
### Physical Construction
* **Insulator:** Heat-resistant resin (typically LCP - Liquid Crystal Polymer) to withstand SMT reflow soldering.
* **Contacts:** Phosphor bronze, usually plated with Tin over Nickel to ensure good conductivity and prevent oxidation.
* **Reinforcement:** Often includes a solder tab (metal peg) to provide mechanical strength to the SMT joints.
### Mechanical & Electrical
* **Current Rating:** 0.5A AC/DC.
* **Voltage Rating:** 50V AC/DC.
* **Temperature Range:** -25°C to +85°C.
* **Contact Resistance:** Initial value max 20mΩ.
---
## 4. Common Applications
This connector is typically found in consumer electronics where a ribbon cable connects a logic board to a peripheral:
* **Laptops/Tablets:** Connecting LCD screens, trackpads, or keyboards.
* **Handheld Devices:** Digital cameras, GPS units, and mobile phones.
* **Industrial:** Small display modules and sensor interfaces.
---
- ⤷
What is the difference between ZIF and Non-ZIF connectors like this one?
- ⤷ Is there a specific FFC cable thickness required for this JST RS series connector?
- ⤷ Can this connector be used for high-speed data transmission like USB 3.0?