104CDMCCDS-R36MC
AI

The **104CDMCCDS-R36MC** is a high-performance, surface-mount (SMD) power inductor. It is part of the CDMCCDS series manufactured by **Sumida**, specifically designed for automotive and high-reliability applications.
---
### ## 1. Technical Specifications
The part number follows a specific nomenclature that defines its electrical and physical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.36 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | ~1.10 mΩ (Typical) |
| **Saturation Current (Isat)** | ~40.0 Amperes |
| **Temperature Rise Current (Irms)** | ~28.0 Amperes |
| **Operating Temperature** | -55°C to +155°C (Including self-heating) |
| **Dimensions (L x W x H)** | 11.0 x 10.0 x 4.0 mm |
---
### ## 2. Key Features
* **Metal Compound Core:** Uses a metal powder molding technology which allows for higher saturation currents compared to traditional ferrite cores.
* **Magnetic Shielding:** The molded construction provides excellent EMI (Electromagnetic Interference) shielding, making it suitable for high-density PCB layouts.
* **AEC-Q200 Qualified:** This indicates the component has passed rigorous stress testing for automotive environments (vibration, thermal shock, moisture resistance).
* **Low DCR:** The low direct current resistance minimizes power loss and heat generation, increasing overall circuit efficiency.
---
### ## 3. Typical Applications
This inductor is primarily used in power conversion circuits where high efficiency and high current handling are required:
1. **Automotive Systems:** LED Headlights, ADAS (Advanced Driver Assistance Systems), and Infotainment units.
2. **DC/DC Converters:** Voltage Regulator Modules (VRM) for CPUs and GPUs.
3. **Industrial:** High-current power supplies and battery management systems.
---
### ## 4. Land Pattern (Footprint)
To integrate this part into a PCB design, the following approximate dimensions are used for the soldering pads:
```text
[ 3.5mm ] [ 3.5mm ]
+---------+ +---------+
| | | |
4.0mm | Pad | < 4.0mm > | Pad |
| 1 | Gap | 2 |
+---------+ +---------+
```
---
- ⤷What is the difference between Isat and Irms for this inductor?
- ⤷ Are there recommended substitutes with the same footprint?
- ⤷ How does the metal compound core compare to a ferrite core in terms of saturation?