Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • 1014-0100-R

  • AI
    The part number **1014-0100-R** typically refers to a high-precision, high-voltage component, most commonly associated with **Advanced Energy (specifically the Trek/Excelsys product lines)**. It is frequently categorized as a specialized high-voltage cable assembly or an internal module component used in electrostatic measurement and power supply systems. --- ### Technical Specifications Overview Below is a breakdown of the typical characteristics associated with this series of electronic parts: | Feature | Specification Details | | :--- | :--- | | **Manufacturer** | Advanced Energy (Trek brand) | | **Primary Function** | High-Voltage Interface / Connection | | **Voltage Rating** | Typically rated for up to 10kV or 20kV DC (depending on specific assembly) | | **RoHS Compliance** | Yes (indicated by the "-R" suffix) | | **Application** | Electrostatic Voltmeters, High-Voltage Power Supplies | --- ### Key Components & Design The "1014" series often involves sophisticated shielding and insulation to handle extreme potential differences without leakage or breakdown. 1. **Insulation Material:** High-dielectric strength polymers (such as PTFE or specialized Silicone) are used to prevent arcing. 2. **Shielding:** Integrated EMI/RFI shielding to ensure that high-voltage pulses do not interfere with sensitive measurement electronics. 3. **Connector Type:** Usually features a proprietary high-voltage locking mechanism to ensure safety and prevent accidental disconnection under load. ### Common Applications These parts are not found in consumer electronics but are critical in industrial and laboratory environments: * **Photovoltaic Testing:** Used in equipment measuring the efficiency and insulation of solar panels. * **Semiconductor Manufacturing:** Integrated into electrostatic chuck (E-Chuck) controllers. * **Material Research:** Utilized in labs for studying dielectric breakdown and electrostatic discharge (ESD). --- ### Critical Safety Note > [!WARNING] > Components like the **1014-0100-R** are designed for high-voltage environments. Handling these parts requires specialized training in high-voltage safety protocols to prevent lethal electrical shock.
    ✨ Follow-up Questions
    • ⤷ What is the exact maximum voltage rating for the 1014-0100-R?
    • ⤷ Is this part compatible with Trek electrostatic voltmeters?
    • ⤷ What are the recommended cleaning procedures for high-voltage connectors?