AI

The **1008F-R10J** is a specific part number for a **Surface Mount (SMD) Wire-wound Chip Inductor**. These components are widely used in Radio Frequency (RF) and communication circuits for filtering, impedance matching, and resonance.
### 1. Breakdown of the Part Number
The alphanumeric code follows a standardized industry format, typically used by manufacturers like **Delevan** or **Fastron**:
| Segment | Code | Meaning |
| :--- | :--- | :--- |
| **Package Size** | `1008` | Dimensions are 0.10 x 0.08 inches (approx. 2.5 x 2.0 mm). |
| **Material/Series** | `F` | Often denotes Ferrite core or a specific series (e.g., Lead-free). |
| **Inductance Value** | `R10` | The "R" acts as a decimal point. **0.10 µH** (or 100 nH). |
| **Tolerance** | `J` | Denotes a tolerance of **±5%**. |
---
### 2. Technical Specifications
While exact values can vary slightly by manufacturer, the standard specifications for a 1008F-R10J are typically:
* **Inductance:** 100 nH (0.10 µH)
* **Tolerance:** ±5%
* **Core Material:** Ferrite (provides higher inductance in a small package compared to ceramic).
* **Operating Temperature:** Generally -40°C to +125°C.
* **Mounting Type:** Surface Mount Device (SMD/SMT).
* **Termination:** Gold or Tin-plated pads for soldering.
---
### 3. Key Characteristics
1. **High Q Factor:** Designed to provide low loss at high frequencies.
2. **Self-Resonant Frequency (SRF):** For 100 nH, the SRF is usually quite high (often above 500 MHz), making it suitable for high-speed signal processing.
3. **DC Resistance (DCR):** Low resistance to ensure minimal power loss and heat generation.
4. **Current Rating:** It can typically handle between 300mA to 600mA, depending on the specific series.
---
### 4. Common Applications
* **RF Tuning:** Used in resonant circuits for radio receivers and transmitters.
* **Filtering:** To block high-frequency noise in power supply lines (DC-DC converters).
* **Impedance Matching:** Ensuring maximum power transfer between different stages of an RF circuit (e.g., between an antenna and an amplifier).
* **Mobile Communication:** Found in cellular phones, Wi-Fi modules, and Bluetooth devices.
---
- ⤷
What is the difference between a ferrite core and a ceramic core inductor?
- ⤷ How do I calculate the resonant frequency for this part?
- ⤷ What are the common alternatives to the 1008 package size?