0630CDMCDDS-R56MC
AI

The **0630CDMCDDS-R56MC** is a high-performance, surface-mount (SMD) power inductor. It is part of the metal composite type series, commonly used in power management circuits like DC-DC converters.
### 1. Part Number Breakdown
Understanding the alphanumeric code helps identify its physical and electrical characteristics:
| Code | Component | Description |
| :--- | :--- | :--- |
| **0630** | Case Size | Approx. 6.6mm x 6.4mm; Height is 3.0mm |
| **CDMC** | Series Type | Metal Compound (Molded) Inductor |
| **R56** | Inductance Value | 0.56 Microhenries (µH) |
| **M** | Tolerance | ±20% |
| **C** | Operating Temp | Standard Industrial Grade (typically up to 125°C) |
---
### 2. Key Specifications
The following table outlines the typical electrical behavior for this specific part:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 0.56 µH |
| **DCR (DC Resistance)** | ~6.5 mΩ (Max) |
| **Isat (Saturation Current)** | ~18.0 A (Current where inductance drops 30%) |
| **Irms (Rated Current)** | ~13.0 A (Current causing 40°C temp rise) |
| **Construction** | Metal powder molding (Shielded) |
---
### 3. Core Features and Technology
The "Metal Composite" construction offers several advantages over traditional ferrite drum cores:
* **Soft Saturation:** Unlike ferrite cores that lose inductance sharply when current limits are exceeded, this part saturates "softly," meaning it maintains functionality even under high transient currents.
* **Magnetic Shielding:** The molded construction naturally shields the component, reducing Electromagnetic Interference (EMI) with neighboring components on the PCB.
* **High Power Density:** Large current handling capability within a relatively small 6x6mm footprint.
* **Low Buzz Noise:** The solid molded structure reduces the physical vibration of the coil, minimizing acoustic noise.
---
### 4. Common Applications
This inductor is typically found in high-efficiency power stages including:
* **Voltage Regulator Modules (VRM):** For CPUs and GPUs in laptops and servers.
* **DC-DC Converters:** Point-of-load (POL) power supplies.
* **Automotive Electronics:** Infotainment and LED lighting drivers.
* **Battery Powered Devices:** Due to low DCR and high efficiency.
---
- ⤷What is the difference between soft saturation and hard saturation in inductors?
- ⤷ How does DCR affect the overall efficiency of a power circuit?
- ⤷ Can this inductor be used in high-frequency switching applications above 1MHz?