Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • 0603CS-R22XL

  • AI
    ## Technical Analysis of the 0603CS-R22XL Inductor The **0603CS-R22XL** is a high-frequency, wirewound surface-mount (SMD) chip inductor. It is part of the 0603CS series, which is widely recognized as an industry standard for RF applications. ### 1. Part Number Breakdown Understanding the nomenclature helps identify the component's key specifications: | Part Segment | Meaning | Value | | :--- | :--- | :--- | | **0603** | Case Size | 0.06 x 0.03 inches (1.6 x 0.8 mm) | | **CS** | Series Type | Ceramic Core / Wirewound | | **R22** | Inductance Value | 220 nH (R denotes decimal: 0.22 µH) | | **X** | Tolerance | Typically ±5% (J) or ±10% (K) * | | **L** | Termination/Packaging | Lead-free (RoHS compliant) / Tape & Reel | --- ### 2. Key Electrical Specifications The "CS" series is characterized by high Q-factors and high self-resonant frequencies (SRF). | Parameter | Typical Value | | :--- | :--- | | **Inductance** | 220 nH | | **Tolerance** | ±5% (standard for this series) | | **Quality Factor (Q min)** | 50 @ 250 MHz | | **SRF (Self Resonant Frequency)** | 1200 MHz (1.2 GHz) | | **DCR (DC Resistance) Max** | 1.15 Ohms | | **IDC (Maximum Rated Current)** | 250 mA | --- ### 3. Construction and Materials * **Core Material:** Ceramic. Unlike ferrite cores, ceramic cores do not provide high inductance, but they offer exceptional stability at high frequencies and a very high SRF. * **Wirewound Design:** The coil is physically wrapped around the ceramic body. This provides significantly lower DC resistance and higher Q-factors compared to multilayer chip inductors. * **Encapsulation:** Often features a clear epoxy "top hat" to allow for vacuum pickup during automated SMT assembly. --- ### 4. Common Applications Due to its high-frequency performance and low energy loss, this component is found in: 1. **RF Matching Circuits:** Used to match impedance between antennas and transceivers. 2. **Filter Networks:** Low-pass, high-pass, and band-pass filters in wireless communication devices. 3. **VCOs:** Voltage Controlled Oscillators where high Q is required for low phase noise. 4. **Bluetooth/WLAN:** Standard components in 2.4GHz and sub-GHz wireless modules. --- ### 5. Performance Characteristics (Summary) * **High Q-Factor:** Results in lower insertion loss in RF circuits. * **Tight Tolerance:** Critical for precise tuning in resonance circuits. * **Stability:** Excellent thermal stability due to the ceramic substrate.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a ceramic core and a ferrite core inductor in 0603 sizing?
    • ⤷ How does the SRF (Self Resonant Frequency) affect the usable range of this 220nH inductor?
    • ⤷ Are there alternative tolerances available for the 0603CS series besides 5%?