0603CS-R11X_L
AI

The **0603CS-R11X_L** is a specific part number for a surface-mount high-frequency wirewound chip inductor, typically manufactured by **Coilcraft**. This component is widely used in RF (Radio Frequency) applications due to its high precision and high quality factor (Q).
---
### 1. Part Number Breakdown
The nomenclature follows a specific standard that describes its physical and electrical characteristics:
| Code Segment | Meaning | Description |
| :--- | :--- | :--- |
| **0603** | Case Size | 0.06 x 0.03 inches (approx. 1.6 x 0.8 mm). |
| **CS** | Series Type | Ceramic core, wirewound inductor. |
| **R11** | Inductance Value | "R" acts as a decimal point. R11 = **110 nH**. |
| **X** | Tolerance | Typically ±5% (J), ±2% (G), or ±10% (K). "X" is a placeholder for specific tolerance. |
| **_L** | Termination/RoHS | Usually indicates Lead-free / RoHS compliant termination (Matte Tin over Nickel over Silver). |
---
### 2. Key Technical Specifications
Based on the standard 0603CS series datasheet, the **R11 (110 nH)** variant generally adheres to the following parameters:
* **Inductance:** 110 nH (measured at 150 MHz).
* **Quality Factor (Q min):** ~50 at 150 MHz.
* **Self-Resonant Frequency (SRF):** Approximately 1500 MHz (1.5 GHz).
* **DC Resistance (DCR max):** ~0.48 Ohms.
* **Current Rating (Irms):** ~450 mA.
* **Operating Temperature:** -40°C to +125°C.
---
### 3. Construction and Material
Unlike multilayer inductors, the **0603CS** uses a **Wirewound Ceramic Core** construction. This offers several advantages:
1. **High Q Factor:** Because it uses actual copper wire wound around a ceramic body, it has much lower losses than multilayer types, making it ideal for signal integrity in filters and oscillators.
2. **High SRF:** The ceramic core is non-magnetic, allowing the inductor to maintain its properties at very high frequencies.
3. **Tight Tolerances:** Wirewinding allows for more precise control over the number of turns, resulting in higher accuracy.
---
### 4. Typical Applications
This component is found in circuits where frequency stability and low loss are critical:
* **RF Impedance Matching:** Matching antennas to power amplifiers.
* **LC Filters:** Used in band-pass or low-pass filters for wireless communication.
* **VCOs:** Voltage Controlled Oscillators requiring high stability.
* **Mobile Infrastructure:** Found in base stations and high-speed networking equipment.
---
- ⤷What is the difference between a wirewound and a multilayer inductor in RF circuits?
- ⤷ How does the SRF (Self-Resonant Frequency) affect my circuit design?
- ⤷ Can you explain the significance of the Q-factor for this specific inductor?