Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • -650-R

  • AI
    The **650-R** typically refers to a high-performance **rectifier diode** or a specific series of **resistors** depending on the manufacturer. Most commonly, in power electronics, the "650" refers to a **650V voltage rating**, and the "R" often signifies **Reverse polarity** or **Fast Recovery**. Below is a breakdown of the electronic components associated with this designation. --- ### 1. 650V Rectifier Diodes (Power Electronics) The most common "650-R" parts are **Fast Recovery Rectifiers** or **Silicon Carbide (SiC) Schottky Diodes**. These are used to convert AC to DC or protect circuits from voltage spikes. | Feature | Specification (Typical) | Function | | :--- | :--- | :--- | | **Voltage Rating ($V_{RRM}$)** | 650V | High voltage tolerance for industrial power supplies. | | **Current Rating ($I_F$)** | 1A to 50A | Varies by package size (e.g., TO-220, DO-214). | | **Recovery Time ($t_{rr}$)** | Ultrafast (< 50ns) | Minimizes switching losses in high-speed circuits. | | **Package Types** | SMA, SMB, TO-220 | Surface mount or through-hole options. | ### 2. Common Applications These parts are usually found in the following stages of an electronic device: * **SMPS (Switching Mode Power Supplies):** Used in the output rectification stage. * **Inverters:** For solar power or motor drives to handle back-EMF. * **EV Chargers:** 650V is a standard rating for onboard charging systems. * **PFC (Power Factor Correction):** Reducing harmonics in heavy machinery. --- ### 3. Resistor Series (Precision Components) If the "650-R" refers to a resistor (often by manufacturers like Ohmite or Riedon), the "R" represents the decimal point or "Ohms." * **Example:** A `650-R` marked resistor is often a **650 Ohm** power resistor. * **Construction:** Usually wirewound or thick film to handle high heat dissipation. * **Tolerance:** Typically ±1% or ±5%. --- ### 4. Identification Guide To identify your specific part, check the prefix and logo on the component casing: | Prefix/Brand | Likely Part Type | | :--- | :--- | | **ST / Vishay** | 650V SiC or Fast Recovery Diode. | | **Bourns / Littelfuse** | Surge protector or High-voltage fuse. | | **Ohmite** | 650 Ohm Power Resistor. | ---
    ✨ Follow-up Questions
    • ⤷ Are you looking for the datasheet of a specific manufacturer like STMicroelectronics or Vishay?
    • ⤷ Is this part for a power supply repair or a new circuit design?
    • ⤷ What is the physical package type of the component you are looking at?