Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • -4RVN-R

  • AI
    The term **4RVN-R** typically refers to a specific type of **Rotary Potentiometer** or **Encoder**, most commonly associated with industrial controls or specialized audio equipment. Based on the naming convention, it belongs to a category of variable resistors designed for precise manual adjustment. --- ### 1. Component Identification The "4RVN-R" series is generally categorized as a **Carbon Composition or Cermet Rotary Potentiometer**. Here is a breakdown of the typical specifications for this class of part: | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Rotary Potentiometer / Variable Resistor | | **Mounting Type** | Panel Mount | | **Adjustment Type** | Top Adjustment (Knob-ready) | | **Rotation Angle** | 270° to 300° (Mechanical) | | **Resistance Range** | Commonly 1kΩ to 1MΩ | | **Power Rating** | 0.1W to 0.5W | --- ### 2. Physical Construction The part is built using several key internal and external elements: 1. **Resistive Element:** A circular track of carbon or cermet material. 2. **Wiper:** A metal contact that slides along the track as the shaft is turned. 3. **Terminals (3 Pins):** * *Outer Pins:* Connected to the ends of the resistive track. * *Center Pin:* Connected to the wiper (provides the variable voltage/resistance). 4. **Shaft:** The physical rod (often "R" denotes a Round or Ribbed shaft) used for manual rotation. --- ### 3. Pinout Diagram For most 4RVN-style parts, the pin configuration follows this standard logic: ```text (Shaft) / \ [ 1 2 3 ] | | | | | +-- End of Track | +------ Wiper (Variable Output) +---------- Start of Track ``` --- ### 4. Common Applications These parts are used wherever a user needs to interface with a circuit to change a value: * **Audio Equipment:** Volume control, gain adjustment, or EQ frequency tuning. * **Power Supplies:** Fine-tuning the output voltage or current limit. * **Lighting:** Dimmer switches for low-voltage LED circuits. * **Industrial:** Speed controllers for small DC motors. --- ### 5. Part Number Breakdown (Suffix Meanings) * **4RVN:** The base series designation (often indicating size, e.g., 24mm or 16mm diameter). * **-R:** Usually signifies a **Round Shaft** (as opposed to a D-shaft or Flatted shaft) or **RoHS Compliance**, depending on the specific manufacturer's datasheet. ---
    ✨ Follow-up Questions
    • ⤷ What is the resistance value and tolerance for your specific 4RVN-R unit?
    • ⤷ Do you need a circuit diagram showing how to wire this as a voltage divider?
    • ⤷ Are you looking for a direct replacement or a datasheet for a specific manufacturer like ALPS or Noble?