Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • -18000-R

  • AI
    The term **18000-R** typically refers to a specific electronic component, most commonly a **Surface Mount Device (SMD) Resistor** or a specific high-frequency **Crystal Oscillator**. Below is a breakdown of the two most likely interpretations of this part number in the electronics industry. --- ### 1. 18000-R as an SMD Resistor In the context of resistor marking codes, "18000" and the suffix "R" define the resistance value and tolerance/packaging. | Feature | Specification | | :--- | :--- | | **Resistance Value** | 18,000 Ohms (18kΩ) | | **Marking Code** | Often labeled as `183` (18 + 3 zeros) | | **"R" Suffix** | Usually denotes **RoHS Compliant** or **Tape & Reel** packaging | | **Common Packages** | 0603, 0805, 1206 (Metric/Imperial sizes) | #### Technical Breakdown * **18kΩ Value:** Used frequently in voltage dividers, pull-up/pull-down circuits, and current limiting for LEDs. * **Wattage:** Typically ranges from 1/10W (0603) to 1/4W (1206). --- ### 2. 18.000-R as a Crystal Oscillator If the part is a metal-can or ceramic-cased component with four or two pins, it is a **18.000 MHz Crystal**. | Component Type | Crystal Unit / Resonator | | :--- | :--- | | **Frequency** | 18.000 MHz (Megahertz) | | **"R" Designation** | Often indicates **Fundamental Mode** or **Resistance** (ESR) rating | | **Usage** | Providing a clock signal for Microcontrollers (MCUs) or Communication ICs | --- ### 3. General Characteristics Table Whether it is a resistor or a crystal, parts with this numbering often share these industrial standards: | Attribute | Standard Detail | | :--- | :--- | | **Material** | Thick Film (Resistors) or Quartz (Crystals) | | **Mounting** | SMT (Surface Mount Technology) or Through-Hole | | **Operating Temp** | -55°C to +125°C (standard industrial grade) | | **Lead-Free** | Yes (indicated by the R/RoHS compliance) | --- ### How to Identify Your Specific Part To be 100% certain, check the physical appearance: 1. **Small black rectangle with numbers:** It is a **18kΩ Resistor**. 2. **Silver/Metal oval or square box:** It is an **18MHz Crystal**. 3. **Blue/Tan teardrop or cylinder:** It could be a **Resistor** (Through-hole).
    ✨ Follow-up Questions
    • ⤷ Are you looking for the datasheet for a specific manufacturer like Yageo or Vishay?
    • ⤷ Do you need help calculating the power rating for an 18k ohm resistor?
    • ⤷ Is this part located in a specific circuit
    • ⤷ such as a power supply or a microcontroller board?