| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LC823450 Datasheet(PDF) 111 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
LC823450 Datasheet(HTML) 111 Page - ON Semiconductor |
|
111 / 112 page ![]() LC823450 www.onsemi.com 111 PACKAGE DIMENSIONS LFBGA240, 11x11 CASE 566EY ISSUE O SEATING PLANE 0.10 C NOTES: 1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994. 2. CONTROLLING DIMENSION: MILLIMETERS. 3. DIMENSION b IS MEASURED AT THE MAXIMUM SOLDER BALL DIAMETER PARALLEL TO DATUM C. 4. COPLANARITY APPLIES TO SPHERICAL CROWNS OF SOLDER BALLS. 5. DATUM C, THE SEATING PLANE, IS DEFINED BY THE SPHERICAL CROWNS OF SOLDER BALLS. 2X DIM A MIN MAX −−− MILLIMETERS A1 D 11.00 BSC E b 0.30 0.40 e 0.65 BSC 1.31 D E A B PIN A1 INDICATOR e/2 0.10 C 240X b 45 C B A 0.10 C A A3 C 0.20 0.30 11.00 BSC 0.35 240X DIMENSIONS: MILLIMETERS *For additional information on our Pb−Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D. SOLDERING FOOTPRINT* 0.65 0.65 0.10 C 2X TOP VIEW SIDE VIEW BOTTOM VIEW NOTE 4 RECOMMENDED PACKAGE OUTLINE 12 3 PITCH D E PITCH A1 H G F J K 910 67 8 NOTE 5 A M 0.15 B C M 0.08 C e e A2 0.70 REF A3 0.26 REF A1 A2 NOTE 3 11 15 16 12 1314 N M L P R |