Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AC08FSM Datasheet(PDF) 113 Page - Teccor Electronics

No. de pieza AC08FSM
Descripción Electrónicos  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TECCOR [Teccor Electronics]
Página de inicio  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC08FSM Datasheet(HTML) 113 Page - Teccor Electronics

Back Button AC08FSM Datasheet HTML 109Page - Teccor Electronics AC08FSM Datasheet HTML 110Page - Teccor Electronics AC08FSM Datasheet HTML 111Page - Teccor Electronics AC08FSM Datasheet HTML 112Page - Teccor Electronics AC08FSM Datasheet HTML 113Page - Teccor Electronics AC08FSM Datasheet HTML 114Page - Teccor Electronics AC08FSM Datasheet HTML 115Page - Teccor Electronics AC08FSM Datasheet HTML 116Page - Teccor Electronics AC08FSM Datasheet HTML 117Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 223 page
background image
Data Sheets
Packing Options
2002 Teccor Electronics
M3 - 3
http://www.teccor.com
Thyristor Product Catalog
+1 972-580-7777
TO-92 (3-lead) Reel Pack (RP) Radial Leaded
Meets all EIA-468-B 1994 Standards
TO-92 (3-lead) Ammo Pack (AP) Radial Leaded
Meets all EIA-468-B 1994 Standards
0.708
(18.0)
1.6
(41.0)
0.5
(12.7)
0.1 (2.54)
0.2 (5.08)
0.236
(6.0)
0.02 (0.5)
Direction of Feed
Dimensions
are in inches
(and millimeters).
1.97
(50.0)
14.17(360.0)
Flat up
1.26
(32.0)
0.098 (2.5) MAX
MT1 / Cathode
MT2 / Anode
Gate
0.354
(9.0)
0.157 DIA
(4.0)
Flat down
25 Devices per fold
MT1 / Cathode
MT2 / Anode
Gate
Direction
of Fee
d
Dimensions
are in inches
(and millimeters).
0.708
(18.0)
1.62
(41.2)
0.5
(12.7)
0.1 (2.54)
0.2 (5.08)
0.236
(6.0)
0.02 (0.5)
1.85
(47.0)
13.3
(338.0)
1.27
(32.2)
0.098 (2.5) MAX
12.2
(310.0)
1.85
(47.0)
0.354
(9.0)
0.157
DIA
(4.0)