Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0-0B066PA006SB-M992F09 Datasheet(PDF) 6 Page - Vincotech

No. de pieza 0-0B066PA006SB-M992F09
Descripción Electrónicos  Open emitter topology
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VINCOTECH [Vincotech]
Página de inicio  http://www.vincotech.com
Logo VINCOTECH - Vincotech

0-0B066PA006SB-M992F09 Datasheet(HTML) 6 Page - Vincotech

Back Button 0-0B066PA006SB-M992F09 Datasheet HTML 2Page - Vincotech 0-0B066PA006SB-M992F09 Datasheet HTML 3Page - Vincotech 0-0B066PA006SB-M992F09 Datasheet HTML 4Page - Vincotech 0-0B066PA006SB-M992F09 Datasheet HTML 5Page - Vincotech 0-0B066PA006SB-M992F09 Datasheet HTML 6Page - Vincotech 0-0B066PA006SB-M992F09 Datasheet HTML 7Page - Vincotech 0-0B066PA006SB-M992F09 Datasheet HTML 8Page - Vincotech 0-0B066PA006SB-M992F09 Datasheet HTML 9Page - Vincotech 0-0B066PA006SB-M992F09 Datasheet HTML 10Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
10-0B066PA006SB-M992F09
datasheet
23 Jun. 2017 / Revision 3
6
Copyright Vincotech
Inverter Switch Characteristics
figure 5.
IGBT
figure 6.
IGBT
Gate volt age vs gate charge
Saf e operating area
V GE = f(Q G)
I C = f(V CE)
I C=
6
A
D =
single pulse
T s =
80
ºC
V GE =
±15
V
T j =
T jmax
ºC
figure 7.
IGBT
figure 8.
IGBT
Short circuit duration as a f unction of VGE
Typical short circuit current as a f unction of VGE
t pSC = f(V GE)
I SC = f(V GE)
V CE =
600
V
V CE
600
V
T j
175
ºC
T j
175
ºC
120V
480V
0
2,5
5
7,5
10
12,5
15
17,5
20
0
10
20
30
40
50
60
Q
Q
Q
Q GGGG (nC)
0
2
4
6
8
10
12
14
12
12,5
13
13,5
14
14,5
15
V
V
V
VGE
G E
G E
G E (V)
0
20
40
60
80
100
120
12
13
14
15
16
17
18
19
20
V
V
V
V GE
G E
G E
G E (V)
DC
100ms
10ms
1ms
100µs
10µs
0,01
0,1
1
10
100
1
10
100
1000
V
V
V
V C E
C E
C E
C E (V)


Número de pieza similar - 0-0B066PA006SB-M992F09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vincotech
0-0B06PRA004RC-L022C09 VINCOTECH-0-0B06PRA004RC-L022C09 Datasheet
1Mb / 17P
IGBT in TRENCHSTOP RC technology
More results

Descripción similar - 0-0B066PA006SB-M992F09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vincotech
10-0B066PA030SB-M996F09 VINCOTECH-10-0B066PA030SB-M996F09 Datasheet
1Mb / 17P
Open emitter topology
20-1B12IPA015SC-L579F09 VINCOTECH-20-1B12IPA015SC-L579F09 Datasheet
1Mb / 11P
Open Emitter or Emitter Shunt
20-1B12IPA008SC-L239C09 VINCOTECH-20-1B12IPA008SC-L239C09 Datasheet
752Kb / 9P
Open Emitter or Emitter Shunt
30-F212PMA075M701-L889A70 VINCOTECH-30-F212PMA075M701-L889A70 Datasheet
417Kb / 9P
Open emitter configuration
logo
International Rectifier
IRAM136-1060A IRF-IRAM136-1060A Datasheet
259Kb / 17P
10A, 600Vwith Open Emitter Pins
IRAM136-0760A2 IRF-IRAM136-0760A2 Datasheet
258Kb / 17P
5A, 600V with Open Emitter Pins
IRAMX20UP60A IRF-IRAMX20UP60A Datasheet
240Kb / 17P
20A, 600V with open Emitter Pins
logo
Fairchild Semiconductor
7004 FAIRCHILD-7004 Datasheet
85Kb / 12P
Power Converter Topology
logo
Vincotech
10-FY07HVA075S5-L985F08 VINCOTECH-10-FY07HVA075S5-L985F08 Datasheet
308Kb / 7P
Innovative H6.5 topology
70-W624N3A1K2SC-L400FP VINCOTECH-70-W624N3A1K2SC-L400FP Datasheet
1Mb / 28P
2400V NPC-topology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com