Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MPX53DP Datasheet(PDF) 149 Page - Motorola, Inc

No. de pieza MPX53DP
Descripción Electrónicos  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX53DP Datasheet(HTML) 149 Page - Motorola, Inc

Back Button MPX53DP Datasheet HTML 145Page - Motorola, Inc MPX53DP Datasheet HTML 146Page - Motorola, Inc MPX53DP Datasheet HTML 147Page - Motorola, Inc MPX53DP Datasheet HTML 148Page - Motorola, Inc MPX53DP Datasheet HTML 149Page - Motorola, Inc MPX53DP Datasheet HTML 150Page - Motorola, Inc MPX53DP Datasheet HTML 151Page - Motorola, Inc MPX53DP Datasheet HTML 152Page - Motorola, Inc MPX53DP Datasheet HTML 153Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 670 page
background image
3–3
Motorola Sensor Device Data
www.motorola.com/semiconductors
PRESSURE SENSORS (continued)
Integrated Pressure Sensors
Product
Family
Pressure
Rating
Maximum
Pressure
Rating
Maximum
Pressure
Rating
Maximum
Pressure
Rating
Maximum
Pressure
Rating
Maximum
Full
Scale
Span
Sensitivity
(mV/kPa)
Accuracy
0
_C–85_C
(% of
Pressure
Type Note
(psi)
(kPa)
(in H2O)
(cm H2O)
(mm Hg)
(Typ)
(Vdc)
VFSS)
A
D
G
MPX4080
11.6
80
321
815
600
4.3
54
±3.0
D
MPX4100
15.2
105
422
1070
788
4.6
54
±1.8
D
MPX4101
14.8
102
410
1040
765
4.6
54
±1.8
D
MPXH6101
14.8
102
410
1040
765
4.6
54
±1.8
D
MPX4105
15.2
105
422
1070
788
4.6
51
±1.8
D
MPX4115
16.7
115
462
1174
863
4.6
46
±1.5
D
16.7
115
462
1174
863
4
38
±1.5
V
MPX6115
16.7
115
462
1174
863
4.6
46
±1.5
D
MPX4200
29
200
803
2040
1500
4.6
26
±1.5
D
MPX4250
36
250
1000
2550
1880
4.7
20
±1.5
D
36
250
1000
2550
1880
4.7
19
±1.4
D
D
MPXV4006
0.87
6
24
61
45
4.6
766
±5.0
D
V
MPXV5004
0.57
4
16
40
29
3.9
1000
±2.5
D
V
MPX5010
1.45
10
40
102
75
4.5
450
±5.0
D
V
MPX5050
7.25
50
201
510
375
4.5
90
±2.5
D
D
MPX5100
14.5
100
401
1020
750
4.5
45
±2.5
D
D
16.7
115
462
1174
863
4.5
45
±2.5
D
MPX5500
72.5
500
2000
5100
3750
4.5
9
±2.5
D
D
MPX5700
102
700
2810
7140
5250
4.5
6
±2.5
D
D
D
MPX5999
150
1000
4150
10546
7757
4.5
5
±2.5
D
MPXH6300
44
300
1200
3060
2250
4.7
16
±1.8
D
Note: A = Absolute, D = Differential, G = Gauge, V = Vacuum
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com