Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KS0105 Datasheet(PDF) 4 Page - Samsung semiconductor

No. de pieza KS0105
Descripción Electrónicos  32 CH COMMON DRIVER FOR DOT MATRIX LCD
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS0105 Datasheet(HTML) 4 Page - Samsung semiconductor

  KS0105 Datasheet HTML 1Page - Samsung semiconductor KS0105 Datasheet HTML 2Page - Samsung semiconductor KS0105 Datasheet HTML 3Page - Samsung semiconductor KS0105 Datasheet HTML 4Page - Samsung semiconductor KS0105 Datasheet HTML 5Page - Samsung semiconductor KS0105 Datasheet HTML 6Page - Samsung semiconductor KS0105 Datasheet HTML 7Page - Samsung semiconductor KS0105 Datasheet HTML 8Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
KS0105
32 CH COMMON DRIVER FOR DOT MATRIX LCD
ELECTRICAL CHARACTERISTICS
DC Characteristics(VDD=+5V
±10%, V
SS=0V, Ta=25
°C)
Characteristic
Symbol
condition
Min
Typ
Max
Unit
Applicable Pin
Operating voltage
VDD
-
4.5
-
5.5
V
VDD, VSS
Oscillator frequency
fOSC
Rf=68k
Ω±2% Cf=10pF±5%
300
430
560
kHz
OSCR, OSCIN, OSCC
Input Voltage
VIH
-
0.7VDD
-
VDD
OSCIN, F0,F1,M,
DD0-DD2, SHL, M/S
VIL
-
0
-
0.3VDD
V
CL, DR, DL, TEST
Output voltage
VOH
IOH=-400
µs
VDD-0.4
-
-
DL, DR, M, FRM
VOL
IOL=400
µs
-
-
0.4
CL, CLK1, CLK2
On Resistance (V-C)
RON
VEE=-5V+10%
Load Current150
µs
-
-
1
k
-
Input Leakage Current
ILKG1
VIN=VDD~VSS
-1
-
1
µs
OSCIN, F0,F1,M,
DD0-DD2, SHL, M/S
CL, DR, DL, TEST
ILKG2
VIN=VDD~VEE
-5
-
5
V1, V2, V5, V6
Power
Dissipation
PD1
RC Oscillation, 430kHz, 1/32 duty
Rf=68k
Ω±2%, Cf=10pF±5%
-
-
4.4
mW
VDD, VSS
PD2
Frame 70Hz, 1/32 duty
-
-
1.1
Note 1: Oscillation frequency (fosc)
Note 4:
Note 2: Selects frequency Duty
Duty ratio
1/8
1/12
1/16
1/24
1/32
1/48
1/64
DD0
L
L
L
H
H
H
H
DD1
L
H
H
L
L
H
H
DD2
L
H
L
H
L
H
L
Mode
Master mode
Note 3: Selects frequency
Oscillator
Frame
M signal
CLK1, CLK2
F0
F1
frequency (KHz)
frequency (Hz)
frequency (Hz)
frequency (KHz)
L
L
107.5
70
35
53.8
H
L
107.5
70
35
53.8
L
H
215.0
70
35
107.5
H
H
430.0
70
35
215.0`
High
Low
High
Low
Master
Slave
OSC R
OSC IN
OSC C
R f
C f
M
D
Output
level
H
H
V2
L
V6
L
H
V1
L
V5
Master/slave mode
Condition


Número de pieza similar - KS0105

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
KS0103 SAMSUNG-KS0103 Datasheet
567Kb / 17P
CMOS DIGITAL INTERGRATED CIRCUIT
KS0104 SAMSUNG-KS0104 Datasheet
567Kb / 17P
CMOS DIGITAL INTERGRATED CIRCUIT
KS0107B SAMSUNG-KS0107B Datasheet
157Kb / 17P
64CH SEGMENT DRIVER FOR DOT MATRIX LCD
KS0108B SAMSUNG-KS0108B Datasheet
157Kb / 17P
64CH SEGMENT DRIVER FOR DOT MATRIX LCD
logo
Hantronix,Inc
KS0108B HANTRONIX-KS0108B_15 Datasheet
157Kb / 17P
64CH SEGMENT DRIVER FOR DOT MATRIX LCD
More results

Descripción similar - KS0105

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
S6B0086 SAMSUNG-S6B0086 Datasheet
324Kb / 31P
80 CH SEGMENT / COMMON DRIVER FOR DOT MATRIX LCD
S6A0065 SAMSUNG-S6A0065 Datasheet
116Kb / 12P
40 CH SEGMENT/COMMON DRIVER FOR DOT MATRIX LCD
logo
RAIO Technology Inc.
RA0086A RAIO-RA0086A Datasheet
181Kb / 6P
80 CH Segment/Common Driver For Dot Matrix LCD Specification
logo
Anpec Electronics Corop...
APU0065 ANPEC-APU0065 Datasheet
136Kb / 11P
40 CH Driver for Dot Matrix LCD
logo
Samsung semiconductor
S6B0107 SAMSUNG-S6B0107 Datasheet
226Kb / 23P
64CH COMMON DRIVER FOR DOT MATRIX LCD
logo
OKI electronic componet...
MSM5278 OKI-MSM5278 Datasheet
145Kb / 7P
DOT MATRIX LCD 64 DOT COMMON DRIVER
MSM5238 OKI-MSM5238 Datasheet
122Kb / 12P
32-DOT LCD COMMON DRIVER
logo
Samsung semiconductor
S6B0108 SAMSUNG-S6B0108 Datasheet
165Kb / 23P
64 CH SEGMENT DRIVER FOR DOT MATRIX LCD
logo
Sanyo Semicon Device
LC4103TAB-01 SANYO-LC4103TAB-01 Datasheet
240Kb / 11P
STN LCD Dot Matrix Common Driver
logo
Sitronix Technology Co....
ST7065C SITRONIX-ST7065C Datasheet
146Kb / 14P
40CH Segment/Common Driver for Dot Matrix LCD
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com