Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RC224ATL Datasheet(PDF) 74 Page - Synaptics Incorporated.

No. de pieza RC224ATL
Descripción Electrónicos  EmbeddedModem Family
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CONEXANT [Synaptics Incorporated.]
Página de inicio  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

RC224ATL Datasheet(HTML) 74 Page - Synaptics Incorporated.

Back Button RC224ATL Datasheet HTML 70Page - Synaptics Incorporated. RC224ATL Datasheet HTML 71Page - Synaptics Incorporated. RC224ATL Datasheet HTML 72Page - Synaptics Incorporated. RC224ATL Datasheet HTML 73Page - Synaptics Incorporated. RC224ATL Datasheet HTML 74Page - Synaptics Incorporated. RC224ATL Datasheet HTML 75Page - Synaptics Incorporated. RC224ATL Datasheet HTML 76Page - Synaptics Incorporated. RC224ATL Datasheet HTML 77Page - Synaptics Incorporated. RC224ATL Datasheet HTML 78Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 104 page
background image
6.0 Operation
RC224ATL/224ATLV
6.4 Data/Fax Auto Answering
EmbeddedModem Family
6-10
Conexant
D224ATLVDSC
Table 6-2. Terminal Called by a 1200 bps Data Modem
DTE Command
DCE Response
Comments
——
Assume DCE in fax mode (FCLASS = 1), DTE running fax
communication package, and DCD is off.
AT&C1
OK
DTE commands DCD to follow data carrier.
ATS9=n
OK
DTE defines the data mode connection time.
AT+FAA=1
OK
DTE enables data/fax auto answer mode.
——
DTE sets the communication rate to the data modem rate (e.g., 2400
bps) prior to an incoming call.
RING
Terminal is being called.
ATA
DTE commands DCE to go off-hook and start auto answer.
——
DCE determines caller as data modem and establishes connection
with caller.
——
DCE turns on DCD to indicate data connection is established.
——
DCE then waits in on-line command mode.
—DATA
DCE indicates data modem connection is established.
AT commands
OK
DTE optionally sends any commands to DCE to restore conditions
required by data modem communications package.
ATO
CONNECT 1200
DTE instructs DCE to switch from on-line command to data state.
——
DTE then transfers control to data modem package.
——
Fax package remains in background polling DCD to check connection
status.
——
DCE response will then be read by data modem communication rate
to 1200 bps.
“Callers data”
DTE sends/receives data.
——
Caller hangs up. DTE detects carrier loss and turns off DCD.
NO CARRIER
DCE indicates connection with caller has terminated.
——
DTE fax communications software, running in background, sees DCD
turn off, and regains control from data modem package.


Número de pieza similar - RC224ATL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
RC22 ETC1-RC22 Datasheet
644Kb / 15P
Precision chip resistors
RC2200 ETC-RC2200 Datasheet
372Kb / 17P
ZigBee Ready RF Transceiver Modules
RC2200AT ETC-RC2200AT Datasheet
372Kb / 17P
ZigBee Ready RF Transceiver Modules
RC2200MM ETC-RC2200MM Datasheet
372Kb / 17P
ZigBee Ready RF Transceiver Modules
RC2202 ETC-RC2202 Datasheet
372Kb / 17P
ZigBee Ready RF Transceiver Modules
More results

Descripción similar - RC224ATL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Zilog, Inc.
Z8018X ZILOG-Z8018X Datasheet
1Mb / 326P
Family MPU
logo
Freescale Semiconductor...
MC68HC11E0CFNE3 FREESCALE-MC68HC11E0CFNE3 Datasheet
1Mb / 242P
M68HC11E Family
MC9S12C128V1 FREESCALE-MC9S12C128V1 Datasheet
2Mb / 690P
MC9S12C Family MC9S12GC Family Reference Manual
logo
Microchip Technology
PIC18F66J10-I MICROCHIP-PIC18F66J10-I Datasheet
6Mb / 410P
PIC18F87J10 Family
03/26/09
logo
Pericom Semiconductor C...
PI7C9X2G808PR PERICOM-PI7C9X2G808PR Datasheet
752Kb / 1P
GreenPacket Family
logo
Silicon Laboratories
CP2102N SILABS-CP2102N Datasheet
637Kb / 44P
USBXpress Family
Rev. 1.0
logo
Rohm
BR25S128GUZ-W ROHM-BR25S128GUZ-W_12 Datasheet
626Kb / 27P
EEPROM family
logo
Silicon Laboratories
CPT212B SILABS-CPT212B Datasheet
895Kb / 40P
TouchXpress??Family
CPT213B SILABS-CPT213B Datasheet
815Kb / 33P
TouchXpress??Family
logo
Nuvoton Technology Corp...
NANO102 NUVOTON-NANO102 Datasheet
3Mb / 100P
NuMicro??Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com