Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RC224ATL Datasheet(PDF) 43 Page - Synaptics Incorporated.

No. de pieza RC224ATL
Descripción Electrónicos  EmbeddedModem Family
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CONEXANT [Synaptics Incorporated.]
Página de inicio  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

RC224ATL Datasheet(HTML) 43 Page - Synaptics Incorporated.

Back Button RC224ATL Datasheet HTML 39Page - Synaptics Incorporated. RC224ATL Datasheet HTML 40Page - Synaptics Incorporated. RC224ATL Datasheet HTML 41Page - Synaptics Incorporated. RC224ATL Datasheet HTML 42Page - Synaptics Incorporated. RC224ATL Datasheet HTML 43Page - Synaptics Incorporated. RC224ATL Datasheet HTML 44Page - Synaptics Incorporated. RC224ATL Datasheet HTML 45Page - Synaptics Incorporated. RC224ATL Datasheet HTML 46Page - Synaptics Incorporated. RC224ATL Datasheet HTML 47Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 104 page
background image
RC224ATL/224ATLV
3.0 Pin Descriptions
EmbeddedModem Family
D224ATLVDSC
Conexant
3-17
DCDL
DO
DCD Indicator. The DCDL output is controlled by the AT&C command.
DTRL
DO
DTR Indicator. The DTRL output is controlled by the AT&D command.
Parallel Host Interface (Parallel Interface Only)
When the HWT input signal is connected to the host bus write line, the parallel interface is
selected upon reset. (See Section 7.3, Interface Timing and Waveforms for waveform and
timing information.)
The parallel interface emulates a 16C450 UART; (See Table 2-1, Parallel Interface
Registers). Parallel interface operation is equivalent to 16C450 operation with CS0 and CS1
inputs high and DISTR, DOSTR, and ADS inputs low. The corresponding RC224ATLV and
16C450 signals are shown below. 16C450 signals that are not required for RC224ATLV host
computer operation are not shown.
16C450 Signal
RC224ATLV Signal
A0 - A2
HA0 - HA2
D0 - D7
HD0 - HD7
MR
RESET (Active low)
CS2
HCS
DISTR
HWT
DOSTR
HRD
INTRPT
HINT
DDIS
HDIS
OUT2
None (Implemented internally in RC224ATLV)
HA0-HA2
HD0-HD7
DI
DIO
Host Bus Address Lines 0-2. During a host read or write operation, signals HA0–HA2 select
an internal register. The state of the divisor latch access bit (DLAB) affects the selection of
certain registers.
Host Bus Data Lines 0-7. HD0-HD7 are comprised of eight tri-state I/O lines providing
bidirectional communication between the host and the modem. Data, control words, and
status information are transferred through HD0-HD7.
HCS
DI
Host Bus Chip Select. HCS input low enables reading from or writing to the modem using the
parallel bus.
HRD
DI
Host Bus Read. HRD is an active low read control input. When the modem is selected with
HCS, HRD low allows status or data words to be read from an addressed register.
HWT
DI
Host Bus Write. HWT is an active low write control input. When the modem is selected with
HCS, HWT low allows data or control words to be written to an addressed register.
Table 3-5. Hardware Interface Signal Definitions (3 of 5)
Label
I/O Type
Signal Name/Description
DLAB
HA2
HA1
HA0
Register
0
0
0
0
Receive Buffer Register (Read),
Transmitter Holding Register (Write)
0
0
0
1
Interrupt Enable Register
X
0
1
0
Interrupt Identification Register (Read Only)
X
0
1
1
Line Control Register
X
1
0
0
Modem Control Register
X
1
0
1
Line Status Register (Read Only)
X
1
1
1
Scratch Register
1
0
0
0
Divisor Latch Register (Least Significant Byte)
1
0
0
1
Divisor Latch Register (Most Significant Byte)


Número de pieza similar - RC224ATL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
RC22 ETC1-RC22 Datasheet
644Kb / 15P
Precision chip resistors
RC2200 ETC-RC2200 Datasheet
372Kb / 17P
ZigBee Ready RF Transceiver Modules
RC2200AT ETC-RC2200AT Datasheet
372Kb / 17P
ZigBee Ready RF Transceiver Modules
RC2200MM ETC-RC2200MM Datasheet
372Kb / 17P
ZigBee Ready RF Transceiver Modules
RC2202 ETC-RC2202 Datasheet
372Kb / 17P
ZigBee Ready RF Transceiver Modules
More results

Descripción similar - RC224ATL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Zilog, Inc.
Z8018X ZILOG-Z8018X Datasheet
1Mb / 326P
Family MPU
logo
Freescale Semiconductor...
MC68HC11E0CFNE3 FREESCALE-MC68HC11E0CFNE3 Datasheet
1Mb / 242P
M68HC11E Family
MC9S12C128V1 FREESCALE-MC9S12C128V1 Datasheet
2Mb / 690P
MC9S12C Family MC9S12GC Family Reference Manual
logo
Microchip Technology
PIC18F66J10-I MICROCHIP-PIC18F66J10-I Datasheet
6Mb / 410P
PIC18F87J10 Family
03/26/09
logo
Pericom Semiconductor C...
PI7C9X2G808PR PERICOM-PI7C9X2G808PR Datasheet
752Kb / 1P
GreenPacket Family
logo
Silicon Laboratories
CP2102N SILABS-CP2102N Datasheet
637Kb / 44P
USBXpress Family
Rev. 1.0
logo
Rohm
BR25S128GUZ-W ROHM-BR25S128GUZ-W_12 Datasheet
626Kb / 27P
EEPROM family
logo
Silicon Laboratories
CPT212B SILABS-CPT212B Datasheet
895Kb / 40P
TouchXpress??Family
CPT213B SILABS-CPT213B Datasheet
815Kb / 33P
TouchXpress??Family
logo
Nuvoton Technology Corp...
NANO102 NUVOTON-NANO102 Datasheet
3Mb / 100P
NuMicro??Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com