Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PIC18F4331 Datasheet(PDF) 223 Page - Microchip Technology

No. de pieza PIC18F4331
Descripción Electrónicos  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 Datasheet(HTML) 223 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 219Page - Microchip Technology PIC18F4331 Datasheet HTML 220Page - Microchip Technology PIC18F4331 Datasheet HTML 221Page - Microchip Technology PIC18F4331 Datasheet HTML 222Page - Microchip Technology PIC18F4331 Datasheet HTML 223Page - Microchip Technology PIC18F4331 Datasheet HTML 224Page - Microchip Technology PIC18F4331 Datasheet HTML 225Page - Microchip Technology PIC18F4331 Datasheet HTML 226Page - Microchip Technology PIC18F4331 Datasheet HTML 227Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 396 page
background image
 2003 Microchip Technology Inc.
Preliminary
DS39616B-page 221
PIC18F2331/2431/4331/4431
19.0
ENHANCED UNIVERSAL
SYNCHRONOUS
ASYNCHRONOUS RECEIVER
TRANSMITTER (EUSART)
The Universal Synchronous Asynchronous Receiver
Transmitter (EUSART) module is one of the two serial
I/O modules available in the PIC18F2331/2431/4331/
4431 family of microcontrollers. EUSART is also known
as a Serial Communications Interface or SCI.
The EUSART can be configured as a full-duplex
asynchronous system that can communicate with
peripheral devices, such as CRT terminals and
personal computers. It can also be configured as a half-
duplex synchronous system that can communicate
with peripheral devices, such as A/D or D/A integrated
circuits, serial EEPROMs, etc.
The EUSART module implements additional features,
including
automatic
baud
rate
detection
and
calibration, automatic wake-up on sync break reception
and 12-bit break character transmit. These make it
ideally suited for use in Local Interconnect Network
(LIN) bus systems.
The USART can be configured in the following modes:
• Asynchronous (full-duplex) with:
- Auto-Wake-up on character reception
- Auto-Baud calibration
- 12-bit break character transmission
• Synchronous – Master (half-duplex) with
selectable clock polarity
• Synchronous – Slave (half-duplex) with selectable
clock polarity
In order to configure pins RC6/TX/CK/SS and RC7/RX/
DT/SDO as the Universal Synchronous Asynchronous
Receiver Transmitter:
• SPEN (RCSTA<7>) bit must be set ( = 1),
• TRISC<6> bit must be set ( = 1), and
• TRISC<1> bit must be set ( = 1).
The operation of the enhanced USART module is
controlled through three registers:
• Transmit Status and Control (TXSTA)
• Receive Status and Control (RCSTA)
• Baud Rate Control (BAUDCTL)
These are detailed in on the following pages in
Register 19-1,
Register 19-2
and
Register 19-3,
respectively.
19.1
Asynchronous Operation in
Power-Managed Modes
The USART may operate in Asynchronous mode, while
the peripheral clocks are being provided by the internal
oscillator block. This makes it possible to remove the
crystal or resonator that is commonly connected as the
primary clock on the OSC1 and OSC2 pins.
The factory calibrates the internal oscillator block out-
put (INTOSC) for 8 MHz (see Table 25-6). However,
this frequency may drift as VDD or temperature
changes, and this directly affects the asynchronous
baud rate. Two methods may be used to adjust the
baud rate clock, but both require a reference clock
source of some kind.
The first (preferred) method uses the OSCTUNE
register to adjust the INTOSC output back to 8 MHz.
Adjusting the value in the OSCTUNE register allows for
fine resolution changes to the system clock source (see
Section 3.6 “INTOSC Frequency Drift” for more
information).
The other method adjusts the value in the baud rate
generator. There may not be fine enough resolution
when adjusting the Baud Rate Generator to compen-
sate for a gradual change in the peripheral clock
frequency.
Note:
The USART control will automatically
reconfigure the pin from input to output as
needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com