Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ROKIT Datasheet(PDF) 2 Page - Pulse A Technitrol Company

No. de pieza ROKIT
Descripción Electrónicos  RO Mounting Hardware
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PULSE [Pulse A Technitrol Company]
Página de inicio  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

ROKIT Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  ROKIT Datasheet HTML 1Page - Pulse A Technitrol Company ROKIT Datasheet HTML 2Page - Pulse A Technitrol Company ROKIT Datasheet HTML 3Page - Pulse A Technitrol Company ROKIT Datasheet HTML 4Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Issue:1651
In the effort to improve our products, we reserve the right to make changes judged to be necessary.
CONFIDENTIAL AND PROPRIETARY INFORMATION
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws.
Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or
use without specific written authorization of Pulse is strictly forbidden.
Description: RO Mounting Hardware
PART NUMBER: ROKIT
Series: Kit
2
Weight
231.4 g
Overall Length
5.09 INCHES/129.4mm
Fixing system
°
 2 °
Operating temperature
-40 to +85° C
MECHANICAL SPECIFICATIONS
ENVIRONMENTAL SPECIFICATIONS


Número de pieza similar - ROKIT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mini-Circuits
ROK-186MH MINI-ROK-186MH Datasheet
240Kb / 2P
Frequency Mixer
ROK-186MH++ MINI-ROK-186MH+ Datasheet
240Kb / 2P
Frequency Mixer
ROK-2500LH MINI-ROK-2500LH Datasheet
74Kb / 2P
FREQUENCY MIXERS
logo
VBsemi Electronics Co.,...
ROK0604IGDQA VBSEMI-ROK0604IGDQA Datasheet
513Kb / 9P
N-Channel 60-V (D-S) MOSFET
logo
Infineon Technologies A...
ROK104001 INFINEON-ROK104001 Datasheet
390Kb / 2P
Bluetooth MULTI CHIP MODULE
2002
More results

Descripción similar - ROKIT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pulse A Technitrol Comp...
RO8605NFKIT PULSE-RO8605NFKIT Datasheet
723Kb / 10P
RO,5 dBi, 860-930MHz,NF With Mounting Hardware
logo
Switchcraft, Inc.
S2207 SWITCH-S2207 Datasheet
168Kb / 3P
MOUNTING HARDWARE
P10001 SWITCH-P10001 Datasheet
174Kb / 3P
MOUNTING HARDWARE
S10451 SWITCH-S10451 Datasheet
174Kb / 3P
MOUNTING HARDWARE
P10531 SWITCH-P10531 Datasheet
174Kb / 3P
MOUNTING HARDWARE
S1564 SWITCH-S1564 Datasheet
836Kb / 1P
MOUNTING HARDWARE
P1476-1 SWITCH-P1476-1 Datasheet
174Kb / 3P
MOUNTING HARDWARE
S10221 SWITCH-S10221 Datasheet
173Kb / 3P
MOUNTING HARDWARE
logo
TE Connectivity Ltd
2295226-1 TEC-2295226-1 Datasheet
128Kb / 3P
PCB Connector Mounting, Mounting Hardware
11/01/2022
logo
Hammond Manufacturing L...
PBFS19007 HAMMOND-PBFS19007 Datasheet
68Kb / 1P
Mounting hardware not included
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com