Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

32S107-302L5 Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

No. de pieza 32S107-302L5
Descripción Electrónicos  SMA STRAIGHT PLUG
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Página de inicio  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

32S107-302L5 Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  32S107-302L5 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 32S107-302L5 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA SHEET
SMA
STRAIGHT PLUG
32S107-302L5
Rosenberger Hochfrequenztechnik GmbH & Co. KG
Tel.: +49 8684 18-0
Page
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
email: info@rosenberger.de
1 / 2
All dimensions are in mm; tolerances according to ISO 2768 m-H
Interface
According to
IEC 60169-15; EN 122110; MIL-STD-348
Documents
Assembly instruction
32 B5
Material and plating
Connector parts
Material
Plating
Center contact
Brass
AuroDur®, gold plated
Outer contact
CuBe or equivalent
AuroDur®, gold plated
Dielectric
PTFE
Gasket
Silicone
Coupling nut
CuBe or equivalent
Gold, 0.1 µm
Crimping ferrule
Copper
Gold, 0.1 µm


Número de pieza similar - 32S107-302L5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rosenberger Hochfrequen...
32S107-302N5 ROSENBERGER-32S107-302N5 Datasheet
52Kb / 2P
   SMA STRAIGHT PLUG
More results

Descripción similar - 32S107-302L5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Amphenol Corporation
255101-05 AMPHENOL-255101-05 Datasheet
365Kb / 1P
   SMA Straight Plug to SMA Straight Plug
logo
Rosenberger Hochfrequen...
32S122-272S5 ROSENBERGER-32S122-272S5 Datasheet
220Kb / 2P
   SMA STRAIGHT PLUG
32S107-307N5 ROSENBERGER-32S107-307N5 Datasheet
54Kb / 2P
   SMA STRAIGHT PLUG
32S102-272L5 ROSENBERGER-32S102-272L5 Datasheet
221Kb / 2P
   SMA STRAIGHT PLUG
32S107-302N5 ROSENBERGER-32S107-302N5 Datasheet
52Kb / 2P
   SMA STRAIGHT PLUG
32S107-303L5 ROSENBERGER-32S107-303L5 Datasheet
223Kb / 2P
   SMA STRAIGHT PLUG
32S107-303N5 ROSENBERGER-32S107-303N5 Datasheet
54Kb / 2P
   SMA STRAIGHT PLUG
32S107-306L5 ROSENBERGER-32S107-306L5 Datasheet
224Kb / 2P
   SMA STRAIGHT PLUG
32S102-271L5 ROSENBERGER-32S102-271L5 Datasheet
268Kb / 2P
   SMA STRAIGHT PLUG
32S107-307L5 ROSENBERGER-32S107-307L5 Datasheet
224Kb / 2P
   SMA STRAIGHT PLUG
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com