Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MA-100BF-502-10000 Datasheet(PDF) 3 Page - Amphenol Corporation

No. de pieza MA-100BF-502-10000
Descripción Electrónicos  Biomedical Chip Thermistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMPHENOL [Amphenol Corporation]
Página de inicio  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MA-100BF-502-10000 Datasheet(HTML) 3 Page - Amphenol Corporation

  MA-100BF-502-10000 Datasheet HTML 1Page - Amphenol Corporation MA-100BF-502-10000 Datasheet HTML 2Page - Amphenol Corporation MA-100BF-502-10000 Datasheet HTML 3Page - Amphenol Corporation MA-100BF-502-10000 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NTC Type MA Specifications
Tolerance Code and Temperature Range
Tolerance Code
Temperature
Range °F (°C)
A
±°F (±°C)
B
±°F (±°C)
C
±°F (±°C)
32 to 68 (0 to 20)
0.27 (0.15)
0.36 (0.2)
0.45 (0.25)
68 to 95 (20 to 35)
0.18 (0.1)
0.27 (0.15)
0.36 (0.2)
95 to 102 (35 to 39)
0.09 (0.05)
0.18 (0.1)
0.27 (0.15)
102 to 107.60 (39 to 42)
0.14 (0.075
0.27 (0.15)
0.36 (0.2)
107.60 to 113 (42 to 45)
0.18 (0.1)
0.27 (0.15)
0.36 (0.2)
113 to 122 (45 to 50)
0.27 (0.15)
0.36 (0.2)
0.45 (0.25)
Data
Our biomedical series thermistor chips and
sub-assemblies are designed to be interchangeable
over a 32°F to 122°F (0°C to 50°C) range. Best overall
stability is maintained when exposure and storage
temperatures remain below 158°F (70°C).
Temperature
°F (°C)
2252 Ω
3 kΩ
5 kΩ
10 kΩ
103(Y) Ω
32.00 (0)
7373.00
9821.93
16369.9
32739.8
29565.8
33.80 (1)
7005.80
9332.76
15554.6
31109.2
28224.8
35.60 (2)
6659.04
8870.84
14784.7
29569.5
26951.9
37.40 (3)
6331.49
8434.49
14057.5
28115.0
25743.3
39.20 (4)
6021.97
8022.17
13370.3
26740.6
24595.5
41.00 (5)
5729.40
7632.41
12720.7
25441.4
23505.0
42.80 (6)
5452.74
7263.87
12106.4
24212.9
22468.7
44.60 (7)
5191.06
6915.27
11525.4
23050.9
21483.8
46.40 (8)
4943.46
6585.43
10975.7
21951.4
20547.2
48.20 (9)
4709.11
6273.23
10455.4
20910.8
19656.6
50.00 (10)
4487.22
5977.64
9962.74
19925.5
18809.3
51.80 (11)
4277.07
5697.69
9496.15
18992.3
18003.1
53.60 (12)
4077.97
5432.47
9054.11
18108.2
17235.7
55.40 (13)
3889.29
5181.11
8635.19
17270.4
16505.1
57.20 (14)
3710.42
4942.83
8238.05
16476.1
15809.4
59.00 (15)
3540.80
4716.88
7861.46
15722.9
15146.7
60.80 (16)
3379.91
4502.54
7504.24
15008.5
14515.3
62.60 (17)
3227.24
4299.17
7165.28
14330.6
13913.6
64.40 (18)
3082.34
4106.14
6843.57
13687.1
13340.0
66.20 (19)
2944.77
3922.88
6538.13
13076.3
12793.0
68.00 (20)
2814.12
3748.83
6248.05
12496.1
12271.4
69.80 (21)
2690.01
3583.49
5972.48
11945.0
11773.8
71.60 (22)
2572.07
3426.38
5710.63
11421.3
11299.0
73.40 (23)
2459.96
3277.03
5461.72
10923.4
10845.8
75.20 (24)
2353.37
3135.04
5225.07
10450.1
10413.1
77.00 (25)
2252.00
3000.00
5000.00
10000.0
10000.0
78.80 (26)
2155.56
2871.53
4785.88
9571.77
9605.42
80.60 (27)
2063.79
2749.28
4582.13
9164.26
9228.45
82.40 (28)
1976.44
2632.91
4388.19
8776.38
8868.24
84.20 (29)
1893.27
2522.12
4203.54
8407.07
8523.96
86.00 (30)
1814.07
2416.61
4027.68
8055.35
8194.82
87.80 (31)
1738.61
2316.09
3860.15
7720.30
7880.09
89.60 (32)
1666.71
2220.31
3700.51
7401.03
7579.07
91.40 (33)
1598.18
2129.02
3548.36
7096.72
7291.10
93.20 (34)
1532.85
2041.98
3403.30
6806.60
7015.55
95.00 (35)
1470.54
1958.98
3264.97
6529.94
6751.83
96.80 (36)
1411.11
1879.81
3133.02
6266.03
6499.37
98.60 (37)
1354.41
1804.27
3007.12
6014.23
6257.64
100.40 (38)
1300.29
1732.18
2886.96
5773.93
6026.13
102.20 (39)
1248.63
1663.36
2772.27
5544.53
5804.36
104.00 (40)
1199.30
1597.65
2662.75
5325.50
5591.88
105.80 (41)
1152.19
1534.89
2558.15
5116.30
5388.26
107.60 (42)
1107.19
1474.94
2458.23
4916.46
5193.09
109.40 (43)
1064.18
1417.65
2362.75
4725.49
5005.96
111.20 (44)
1023.08
1362.89
2271.49
4542.98
4826.53
113.00 (45)
983.78
1310.55
2184.24
4368.49
4654.43
114.80 (46)
946.21
1260.49
2100.82
4201.64
4489.33
116.60 (47)
910.27
1212.62
2021.03
4042.05
4330.91
118.40 (48)
875.89
1166.81
1944.69
3889.38
4178.88
120.20 (49)
842.99
1122.99
1871.65
3743.29
4032.94
122.00 (50)
811.50
1081.04
1801.73
3603.46
3892.83
Resistance vs Temperature


Número de pieza similar - MA-100BF-502-10000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
API Technologies Corp
MA-100002 APITECH-MA-100002 Datasheet
335Kb / 6P
   X-Band 4 x QTRM Plank Product Capability
More results

Descripción similar - MA-100BF-502-10000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
CMFX30F102 ETC2-CMFX30F102 Datasheet
759Kb / 6P
   Chip NTC Thermistors
CMFB35Z103JNT ETC2-CMFB35Z103JNT Datasheet
759Kb / 6P
   Chip NTC Thermistors
logo
TDK Electronics
NTCG164QH105JT1 TDK-NTCG164QH105JT1 Datasheet
114Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG103NH681JT1 TDK-NTCG103NH681JT1 Datasheet
115Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG104LH154JTDS TDK-NTCG104LH154JTDS Datasheet
115Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG164BH222JTDS TDK-NTCG164BH222JTDS Datasheet
114Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG203JH472JT1 TDK-NTCG203JH472JT1 Datasheet
110Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG203SH223JT1 TDK-NTCG203SH223JT1 Datasheet
110Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG103JH103HT1 TDK-NTCG103JH103HT1 Datasheet
110Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG064BF473FTBX TDK-NTCG064BF473FTBX Datasheet
111Kb / 2P
   Chip NTC Thermistors (Sensor)
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com