Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BL1R Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

No. de pieza BL1R
Descripción Electrónicos  Multi-function or mono-function
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

BL1R Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  BL1R Datasheet HTML 1Page - List of Unclassifed Manufacturers BL1R Datasheet HTML 2Page - List of Unclassifed Manufacturers BL1R Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
I Timers
I 03
I www.crouzet-control.com
General characteristics
Immunity to rapid transient bursts acc. to IEC/EN 61000-4-4
Level III direct ± 2 kV (power supply) / capacitive coupling clamp
± 1 KV (command input and outputs)
Immunity to shock waves on power supply acc. to IEC/EN 61000-4-5
Level III
line-to-earth ± 2 kV / line-to-line ± 1kV
Immunity to radio frequency in common mode acc. to
IEC/EN 61000-4-6
Level III
10 Vrms (0,15 →80 M Hz) 80% AM (1 k Hz)
Immunity to voltage dips and breaks acc. to IEC/EN 61000-4-11
Industrial Class II:
0% residual voltage during 1cycle a.c. power ports
70% residual voltage during 25/30 cycles a.c. power ports
0% residual voltage, 250/300 cycles a.c. power ports
Residential:
0% residual voltage during 10 cycle a.c.power ports
40% residual voltage during 10 cycles a.c. power ports
70% residual voltage during 10 cycles a.c. power ports
0% residual voltage, 250/300 cycles a.c. power ports
Mains-borne and radiated emissions acc. to EN 55022 (CISPR22),
EN55011 (CISPR11)
EN 55022 / CISPR22 Class B (IT equipment)
EN 55011 / CISPR11 Class B, Group 1 (Medical equipment)
Dimensions
Curves
Function L
Asymmetrical timing, off start
Toff Ton
R
U
Y1
Function Li
Asymmetrical timing, pulse start
Ton Toff
R
U
Y1
Connections
1 changeover relay output
A1 = Y1 for function L
U
A1
R
15
A2
18
16
Y1
+
A1
Y1


Número de pieza similar - BL1R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Frontier Electronics.
BL1-005 FRONTIER-BL1-005 Datasheet
121Kb / 2P
1A BRIDGE RECTIFIERS
BL1-01 FRONTIER-BL1-01 Datasheet
121Kb / 2P
1A BRIDGE RECTIFIERS
BL1-02 FRONTIER-BL1-02 Datasheet
121Kb / 2P
1A BRIDGE RECTIFIERS
BL1-04 FRONTIER-BL1-04 Datasheet
121Kb / 2P
1A BRIDGE RECTIFIERS
BL1-06 FRONTIER-BL1-06 Datasheet
121Kb / 2P
1A BRIDGE RECTIFIERS
More results

Descripción similar - BL1R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
BM1R ETC2-BM1R Datasheet
772Kb / 4P
Multi-function or mono-function
BM2R ETC2-BM2R Datasheet
774Kb / 4P
Multi-function or mono-function
BA1R ETC2-BA1R Datasheet
570Kb / 4P
Multi-function or mono-function
logo
Microsemi Corporation
TSC341 MICROSEMI-TSC341 Datasheet
726Kb / 4P
Multi-Function Gates
logo
Qualtek Electronics Cor...
761-18-003 QUALTEK-761-18-003 Datasheet
379Kb / 1P
MULTI-FUNCTION MODULE
755-00-28 QUALTEK-755-00-28 Datasheet
367Kb / 1P
MULTI-FUNCTION MODULE
762-18-003 QUALTEK-762-18-003 Datasheet
376Kb / 1P
MULTI-FUNCTION MODULE
76218002 QUALTEK-76218002 Datasheet
835Kb / 1P
MULTI-FUNCTION MODULE
766-32-001 QUALTEK-766-32-001 Datasheet
435Kb / 1P
MULTI-FUNCTION MODULE
766-32-002 QUALTEK-766-32-002 Datasheet
435Kb / 1P
MULTI-FUNCTION MODULE
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com