Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BL1R Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

No. de pieza BL1R
Descripción Electrónicos  Multi-function or mono-function
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

BL1R Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  BL1R Datasheet HTML 1Page - List of Unclassifed Manufacturers BL1R Datasheet HTML 2Page - List of Unclassifed Manufacturers BL1R Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
I Timers
I 02
I www.crouzet-control.com
Supply
Galvanic isolation
No
Max. absorbed power
Approx. 3 VA (V∿) 1.5 W (V⎓)
Immunity from micro power cuts
10 ms
General characteristics
Insulation voltage, IEC 60664-1
300 V
Installation category (acc. to IEC/EN 60664-1)
Overvoltage category III; pollution degree 2
Impulse voltage CEI/EN 60664-1
4 kV (1,2 / 50 µs)
Clearance / Creepage distances
IEC 60664-1: 3 mm / 3.2 mm
Breakdown voltage
EN-61812-1: 2,5 kV / 1 min / 1 mA / 50 Hz
Insulation resistance
NFC 93050: > 500 MΩ / 250 V⎓ / 1min
Status indication
Un: green LED blinks when count, continuous ON when supplied
R: yellow LED continuous ON when the relay is ON
Casing
DIN 43880: 17,5 mm
Fixing: Symmetrical DIN rail
EN 50022: 35 mm
Mounting position
All positions
Housing material
Enclosure plastic type UL94 - V0
Protection (IEC/EN 60529)
Housing: IP40 / Terminal block: IP20
Terminal capacity Single-wire without ferrule
IEC 60947-1
1 x 0.5 →3.3 mm² (AWG 20 →AWG 12)
2 x 0.5 →1.5 mm² (AWG 20 →AWG 16)
Max. tightening torque (Nm)
IEC 60947-1
0,5 N.m / 4,4 lbf.in
Operating temperature range (°C)
IEC 60068-2: -20 °C →+60 °C
Storage temperature range (°C)
IEC 60068-2: -40 °C →+70 °C
Relative humidity no condensation acc. to IEC/EN 60068-2-30
93% without condensation
Vibration resistance according to IEC/EN 60068-2-6
± 0.15 mm from 10 Hz →60 Hz 2g from 60 Hz →150 Hz
Impact resistance
IEC 60068-2-27
15gn - 11ms; 3 x 6 axis (output OFF)
5gn - 11ms; 3 x 6 axis (Output ON)
Drop to concrete floor
IEC 60068-2-32
High: 0.75m
Weight: casing 17,5 mm
70 g
80 g with packaging
Directives
2014/30/EU: EMC
2014/35/EU: low voltage
Certifications
CE - cULus Listed Industrial Control Equipment - CCC
Conformity to standards
CEI 60664-1: Insulation coordination for equipment within low-voltage
systems
CEI 61812-1/ Specified time relays for industrial use
UL 60947-4-1/ Industrial Control Equipment (NRNT- Industrial Control
Switches)
Conformity with environmental directives
2015/863/UE: RoHS
1907/2006: Reach
2012/19/UE: WEEE
Electromagnetic compatibility IEC 61000-6-2, IEC 61000-6-3,
IEC 61000-6-4
Immunity for industrial environment
Emission residential environment
Emission industrial environment
Electromagnetic compatibility - Immunity to electrostatic discharges
acc to IEC/EN 61000-4-2
Level III Air ± 8 KV / Contact ± 6 KV
Immunity to radiated, radio-frequency, electromagnetic field acc.
IEC/EN 61000-4-3
Level III
10 V/m (80 M Hz to 1 G Hz) 80% AM (1 k Hz)
3 V/m (1,4 →2 G Hz) 80% AM (1K Hz)
1V/m (2 →2.7 G Hz) 80% AM (1K Hz)


Número de pieza similar - BL1R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Frontier Electronics.
BL1-005 FRONTIER-BL1-005 Datasheet
121Kb / 2P
1A BRIDGE RECTIFIERS
BL1-01 FRONTIER-BL1-01 Datasheet
121Kb / 2P
1A BRIDGE RECTIFIERS
BL1-02 FRONTIER-BL1-02 Datasheet
121Kb / 2P
1A BRIDGE RECTIFIERS
BL1-04 FRONTIER-BL1-04 Datasheet
121Kb / 2P
1A BRIDGE RECTIFIERS
BL1-06 FRONTIER-BL1-06 Datasheet
121Kb / 2P
1A BRIDGE RECTIFIERS
More results

Descripción similar - BL1R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
BM1R ETC2-BM1R Datasheet
772Kb / 4P
Multi-function or mono-function
BM2R ETC2-BM2R Datasheet
774Kb / 4P
Multi-function or mono-function
BA1R ETC2-BA1R Datasheet
570Kb / 4P
Multi-function or mono-function
logo
Microsemi Corporation
TSC341 MICROSEMI-TSC341 Datasheet
726Kb / 4P
Multi-Function Gates
logo
Qualtek Electronics Cor...
761-18-003 QUALTEK-761-18-003 Datasheet
379Kb / 1P
MULTI-FUNCTION MODULE
755-00-28 QUALTEK-755-00-28 Datasheet
367Kb / 1P
MULTI-FUNCTION MODULE
762-18-003 QUALTEK-762-18-003 Datasheet
376Kb / 1P
MULTI-FUNCTION MODULE
76218002 QUALTEK-76218002 Datasheet
835Kb / 1P
MULTI-FUNCTION MODULE
766-32-001 QUALTEK-766-32-001 Datasheet
435Kb / 1P
MULTI-FUNCTION MODULE
766-32-002 QUALTEK-766-32-002 Datasheet
435Kb / 1P
MULTI-FUNCTION MODULE
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com