Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1--21919--2 Datasheet(PDF) 1 Page - TE Connectivity Ltd

No. de pieza 1--21919--2
Descripción Electrónicos  2 mm Common Termination Head Assembly
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

1--21919--2 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  1--21919--2 Datasheet HTML 1Page - TE Connectivity Ltd 1--21919--2 Datasheet HTML 2Page - TE Connectivity Ltd 1--21919--2 Datasheet HTML 3Page - TE Connectivity Ltd 1--21919--2 Datasheet HTML 4Page - TE Connectivity Ltd 1--21919--2 Datasheet HTML 5Page - TE Connectivity Ltd 1--21919--2 Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Adjustable
Stop
Feed Pawl
(Portion of Head Assembly
Shown Cut Away for Clarity)
Wire Inserter (Shown
In Up Position)
Carriage
Connector
Slot
Wire
Guide
Drag
Wire Insertion
Rod and Adjuster
Instruction Sheet
2 mm Common Termination (CT)
408--9426
LOC B
1
of 6
2014 TE Connectivity family of companies
All Rights Reserved
*Trademark
TE Connectivity, TE connectivity (logo), and TE (logo) are trademarks. Other logos, product and/or Company names may be trademarks of their respective owners.
TOOLING ASSISTANCE CENTER 1--800--722--1111
PRODUCT INFORMATION 1--800--522--6752
This controlled document is subject to change.
For latest revision and Regional Customer Service,
visit our website at www.te.com
05 MAY 14 Rev E
Head Assembly 58372- 1
2 mm CT CONNECTOR
PART NUMBER
TYPE
WIRE SIZE
INSULATION DIA RANGE
173977--[ ]
Receptacle Assembly
173983--[ ]
Horizontal Mount Header
28--26
0.85--1.05 [.033--.041]
173985--[ ]
Vertical Mount Header
[
]
179694--[ ]
Receptacle Assembly
24
0.95--1.05 [.037--.041]
Figure 1
1. INTRODUCTION
The 2 mm CT Head Assembly 58372--1 shown in
Figure 1 is designed to terminate the connectors onto
unstripped discrete wire sizes listed in Figure 1.
The head is designed for use in Pistol Grip Manual
Handle Assembly 58074--1 (408--6790), Pistol Grip
Pneumatic Handle Assembly 58075--1 (408--6789), or
Pneumatic Power Bench Assembly 58338--1
(408--9393). For head installation procedures, and
setup and operation of the tools, refer to the
instruction sheets (shown in parenthesis) packaged
with the tool.
Dimensions on this sheet are in metric units [with
U.S. customary units in brackets]. Figures and
illustrations are for reference only and are not
drawn to scale.
Reasons for reissue of this instruction sheet are
provided in Section 9, REVISION SUMMARY.
2. DESCRIPTION
The head assembly, when properly inserted into the
tool, serves as a guide for the connector during
termination.
Features of the head assembly (shown in Figure 1)
and their functions are:
Wire Inserter—forces unstripped wire into the two
slotted beams of the contact.
Wire Insertion Rod and Adjuster—acts as a piston
for, and regulates travel of, the wire inserter.
Carriage—slides right and left in head assembly
and automatically advances the connector after
each termination.
Drag—prevents connector from moving out of
position after it has been advanced.
Connector Slot—opening into which connector is
secured in head assembly.
NOTE
i


Número de pieza similar - 1--21919--2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TE Connectivity Ltd
1--21000--4 TEC-1--21000--4 Datasheet
123Kb / 3P
Reasons for reissue of this instruction sheet are provided in Section 6, REVISION SUMMARY.
logo
Tyco Electronics
1--21000--5 MACOM-1--21000--5 Datasheet
129Kb / 4P
Pneumatic CERTI-CRIMP Tool Holder
logo
TE Connectivity Ltd
1--21000--7 TEC-1--21000--7 Datasheet
115Kb / 4P
Base Assembly Universal
1--21000--8 TEC-1--21000--8 Datasheet
115Kb / 4P
Base Assembly Universal
1--21000--9 TEC-1--21000--9 Datasheet
183Kb / 7P
Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
More results

Descripción similar - 1--21919--2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NTE Electronics
NTE15043 NTE-NTE15043 Datasheet
18Kb / 2P
Integrated Circuit Head Amplifier Circuit for 2 Head VCR
logo
Tyco Electronics
59461 MACOM-59461 Datasheet
75Kb / 1P
HEAVY HEAD HAND TOOL ASSEMBLY
logo
Samtec, Inc
2SN-BK-G SAMTEC-2SN-BK-G Datasheet
46Kb / 1P
2 mm C.L. SHUNT ASSEMBLY
logo
TE Connectivity Ltd
408-9736 TEC-408-9736 Datasheet
225Kb / 4P
STRATO-THERM Die Head Assembly
logo
Tyco Electronics
408-4070 MACOM-408-4070 Datasheet
273Kb / 5P
Pneumatic Head Assembly
408-4260 MACOM-408-4260 Datasheet
155Kb / 7P
Mass Termination Assembly
408-9607 MACOM-408-9607 Datasheet
142Kb / 5P
Feed- Through Head Assembly
logo
TE Connectivity Ltd
408-7994 TEC-408-7994 Datasheet
204Kb / 4P
Mass Termination Assembly
408-7995 TEC-408-7995 Datasheet
244Kb / 6P
Mass Termination Assembly
logo
3M Electronics
7893S 3M-7893S Datasheet
53Kb / 1P
3M??Head Strap/Harness Assembly 7893S, Silicone, 2 EA/Case
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com