Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN-V23030 Datasheet(PDF) 4 Page - TE Connectivity Ltd

No. de pieza SN-V23030
Descripción Electrónicos  n Low profile, therefore particularly suited for flat pack components grouping
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

SN-V23030 Datasheet(HTML) 4 Page - TE Connectivity Ltd

  SN-V23030 Datasheet HTML 1Page - TE Connectivity Ltd SN-V23030 Datasheet HTML 2Page - TE Connectivity Ltd SN-V23030 Datasheet HTML 3Page - TE Connectivity Ltd SN-V23030 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
07-2012, Rev. 0712
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
4
AXICOM
Signal Relays
Card SN Relay V23030 (Continued)
Product code structure
Typical product code
V23030
-A
1
021
-A1
04
Type
V23030
Card SN Relay
Contact arrangement
A
4 form C, 4 CO, dust proof
C
6 form C, 6 CO, dust proof
H
4 form C, 4 CO, immersion cleanable
J
6 form C, 6 CO, immersion cleanable
Earth connection
1
Without earth connection
2
With earth connection
Coils
Coil code: please refer to coil versions table
Contact material
A1
Silver, gold flashed
A2
Gold F
Contact arrangement
04
4 form C, 4 CO
06
6 form C, 6 CO
Other types on request
Product code
Version
Coil
Arrangement
Enclosure
Part number
V23030-A1xxx, 4 pole, without earth connection, dust protected
V23030-A1017-A104 4 pole, without earth conn.
12VDC
4 form C (4 CO)
Dust protected
3-1393801-6
V23030-A1021-A104 4 pole, without earth conn.
24VDC
4 form C (4 CO)
Dust protected
3-1393801-8
V23030-A1026-A104 4 pole, without earth conn.
48VDC
4 form C (4 CO)
Dust protected
4-1393801-1
V23030-A2xxx, 4 pole, with earth connection, dust protected
V23030-A2012-A104
4 pole, with earth conn.
6VDC
4 form C (4 CO)
Dust protected
4-1393801-4
V23030-A2017-A104
4 pole, with earth conn.
12VDC
4 form C (4 CO)
Dust protected
4-1393801-8
V23030-A2017-A204
4 pole, with earth conn.
12VDC
4 form C (4 CO)
Dust protected
4-1393801-9
V23030-A2021-A104
4 pole, with earth conn.
24VDC
4 form C (4 CO)
Dust protected
5-1393801-0
V23030-A2026-A104
4 pole, with earth conn.
48VDC
4 form C (4 CO)
Dust protected
5-1393801-2
V23030-A2014-A104
4 pole, with earth conn.
60VDC
4 form C (4 CO)
Dust protected
4-1393801-6
V23030-C1xxx, 6 pole, without earth connection, dust protected
V23030-C1017-A104 6 pole, without earth conn.
12VDC
6 form C (6 CO)
Dust protected
6-1393801-2
V23030-C1021-A104 6 pole, without earth conn.
24VDC
6 form C (6 CO)
Dust protected
6-1393801-3
V23030-C1021-A204 6 pole, without earth conn.
24VDC
6 form C (6 CO)
Dust protected
6-1393801-4
V23030-C1026-A104 6 pole, without earth conn.
48VDC
6 form C (6 CO)
Dust protected
6-1393801-7
V23030-C2xxx, 6 pole, with earth connection, dust protected
V23030-C2012-A104 6 pole, with earth conn.
6VDC
6 form C (6 CO)
Dust protected
6-1393801-9
V23030-C2017-A104 6 pole, with earth conn.
12VDC
6 form C (6 CO)
Dust protected
7-1393801-1
V23030-C2017-A204 6 pole, with earth conn.
12VDC
6 form C (6 CO)
Dust protected
7-1393801-2
V23030-C2021-A104 6 pole, with earth conn.
24VDC
6 form C (6 CO)
Dust protected
7-1393801-3
V23030-C2014-A104 6 pole, with earth conn.
60VDC
6 form C (6 CO)
Dust protected
7-1393801-0


Número de pieza similar - SN-V23030

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
M-System Co.,Ltd.
SN-2A6 MSYSTEM-SN-2A6 Datasheet
106Kb / 3P
Plug-in Signal Conditioners M-UNIT
SN-2A6/CE MSYSTEM-SN-2A6/CE Datasheet
106Kb / 3P
Plug-in Signal Conditioners M-UNIT
SN-2A6/Q MSYSTEM-SN-2A6/Q Datasheet
106Kb / 3P
Plug-in Signal Conditioners M-UNIT
SN-2AA MSYSTEM-SN-2AA Datasheet
106Kb / 3P
Plug-in Signal Conditioners M-UNIT
SN-2AA/CE MSYSTEM-SN-2AA/CE Datasheet
106Kb / 3P
Plug-in Signal Conditioners M-UNIT
More results

Descripción similar - SN-V23030

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STATS ChipPAC, Ltd.
LQFP STATSCHIP-LQFP Datasheet
126Kb / 2P
Low Profile Quad Flat Pack
TQFP STATSCHIP-TQFP Datasheet
92Kb / 2P
Thin Profile Quad Flat Pack
logo
Amkor Technology
LQFP AMKOR-LQFP Datasheet
656Kb / 2P
Low Profile Quad Flat Pack (LQFP) Packages
logo
National Semiconductor ...
LMH2120 NSC-LMH2120 Datasheet
1Mb / 6P
Linear RMS power detector particularly suited for accurate
logo
Lowpower Semiconductor ...
LPM3400 POWER-LPM3400 Datasheet
283Kb / 7P
These devices are particularly suitable for low voltage
logo
TE Connectivity Ltd
V23030 TEC-V23030 Datasheet
7Mb / 4P
Low profile, therefore particularly suited for flat pack components grouping
EV500 TEC-EV500 Datasheet
334Kb / 2P
n Suited for circuit protection control
logo
TT Electronics.
8900 TTELEC-8900_17 Datasheet
568Kb / 4P
Flat Pack Networks
logo
Maxim Integrated Produc...
MAX8655EVKIT MAXIM-MAX8655EVKIT Datasheet
791Kb / 14P
Low-Profile Components
Rev 0; 10/08
logo
Guangdong Youtai Semico...
FDN361 UMW-FDN361 Datasheet
443Kb / 5P
These devices are particularly suited for low voltage applications in notebook computers,
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com