| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LAN9250 Datasheet(PDF) 166 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN9250 Datasheet(HTML) 166 Page - Microchip Technology |
|
166 / 421 page ![]() LAN9250 DS00001913A-page 166 2015 Microchip Technology Inc. Figure 11-12 illustrates the TX command structure for this example, and also shows how data is passed to the TX Data FIFO. FIGURE 11-12: TX EXAMPLE 1 TX Command 'A' 0 31 TX Command 'B' Pad DWORD 1 7-Byte Data Start Offset 10-Byte End Padding 79-Byte Payload Buffer End Alignment = 1 Data Start Offset = 7 First Segment = 1 Last Segment = 0 Buffer Size = 79 Packet Length = 111 TX Command 'A' 0 31 TX Command 'B' 10-Byte End Offset Padding 15-Byte Payload Buffer End Alignment = 1 Data Start Offset = 0 First Segment = 0 Last Segment = 0 Buffer Size = 15 Packet Length = 111 TX Command 'A' 0 31 TX Command 'B' Buffer End Alignment = 1 Data Start Offset = 10 First Segment = 0 Last Segment = 1 Buffer Size = 17 Packet Length = 111 10-Byte Data Start Offset TX Command 'A' TX Command 'B' TX Command 'A' TX Command 'B' TX Command 'A' TX Command 'B' NOTE: Extra bytes between buffers are not transmitted Data Written to the Memory Mapped TX Data FIFO Port Data Passed to the TX Data FIFO 5-Byte End Padding 17-Byte Payload Data TX Command 'A' TX Command 'B' TX Command 'A' TX Command 'A' 1B 79-Byte Payload 15-Byte Payload 17-Byte Payload |