Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC14020B Datasheet(PDF) 5 Page - ON Semiconductor

No. de pieza MC14020B
Descripción Electrónicos  14-Bit Binary Counter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14020B Datasheet(HTML) 5 Page - ON Semiconductor

  MC14020B_14 Datasheet HTML 1Page - ON Semiconductor MC14020B_14 Datasheet HTML 2Page - ON Semiconductor MC14020B_14 Datasheet HTML 3Page - ON Semiconductor MC14020B_14 Datasheet HTML 4Page - ON Semiconductor MC14020B_14 Datasheet HTML 5Page - ON Semiconductor MC14020B_14 Datasheet HTML 6Page - ON Semiconductor MC14020B_14 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MC14020B
http://onsemi.com
5
Figure 1. Power Dissipation Test Circuit
and Waveform
Figure 2. Switching Time Test Circuit
and Waveforms
500
mF
0.01
mF
CERAMIC
PULSE
GENERATOR
VDD
CL
CL
CL
VSS
C
R
Q1
Q4
Qn
ID
VDD
VSS
20 ns
20 ns
CLOCK
90%
50%
10%
50% DUTY CYCLE
PULSE
GENERATOR
VDD
VSS
C
R
Q1
Q4
Qn
CL
CL
CL
20 ns
20 ns
CLOCK
90%
50%
10%
tWH
tPLH
tPHL
90%
50%
10%
tTLH
tTHL
Q
Figure 3. Timing Diagram
CLOCK
RESET
Q1
Q4
Q5
Q6
Q7
Q8
Q9
Q10
Q11
Q12
Q13
Q14
16,384
8192
4096
1
2
4
8
16
32
64
128
256
512
1024
2048


Número de pieza similar - MC14020B_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC14020BCL MOTOROLA-MC14020BCL Datasheet
207Kb / 6P
   14-Bit Binary Counter
MC14020BCP MOTOROLA-MC14020BCP Datasheet
207Kb / 6P
   14-Bit Binary Counter
logo
ON Semiconductor
MC14020BCP ONSEMI-MC14020BCP Datasheet
209Kb / 8P
   14-Bit Binary Counter
March, 2000 ??Rev. 3
MC14020BCP ONSEMI-MC14020BCP Datasheet
114Kb / 8P
   14?묪it Binary Counter
August, 2005 ??Rev. 6
MC14020BCPG ONSEMI-MC14020BCPG Datasheet
114Kb / 8P
   14?묪it Binary Counter
August, 2005 ??Rev. 6
More results

Descripción similar - MC14020B_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
HD14020B HITACHI-HD14020B Datasheet
80Kb / 7P
   14-bit Binary Counter
logo
ON Semiconductor
MC14020B ONSEMI-MC14020B Datasheet
209Kb / 8P
   14-Bit Binary Counter
March, 2000 ??Rev. 3
logo
Motorola, Inc
MC14020B MOTOROLA-MC14020B Datasheet
207Kb / 6P
   14-Bit Binary Counter
logo
ON Semiconductor
MC14060B ONSEMI-MC14060B_15 Datasheet
145Kb / 8P
   14-Bit Binary Counter and Oscillator
August, 2014 ??Rev. 10
MC14060B ONSEMI-MC14060B Datasheet
238Kb / 8P
   14-Bit Binary Counter and Oscillator
March, 2000 ??Rev. 3
MC14060 ONSEMI-MC14060_04 Datasheet
125Kb / 10P
   14-Bit Binary Counter and Oscillator
July, 2004 ??Rev. 6
MC14060BDG ONSEMI-MC14060BDG Datasheet
159Kb / 9P
   14-Bit Binary Counter and Oscillator
June, 2011 ??Rev. 8
logo
Fairchild Semiconductor
MM74HC4020 FAIRCHILD-MM74HC4020 Datasheet
98Kb / 9P
   14-Stage Binary Counter 12-Stage Binary Counter
logo
Renesas Technology Corp
HD74HC4060 RENESAS-HD74HC4060 Datasheet
89Kb / 7P
   14-stage Binary Counter
logo
NXP Semiconductors
HEF4020BP652 PHILIPS-HEF4020BP652 Datasheet
109Kb / 14P
   14-stage binary counter
Rev. 8-18 November 2011
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com