Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FTS125-CTV-010.0 Datasheet(PDF) 5 Page - Connor-Winfield Corporation

No. de pieza FTS125-CTV-010.0
Descripción Electrónicos  GPS Disciplined Oscillators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CONNOR-WINFIELD [Connor-Winfield Corporation]
Página de inicio  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

FTS125-CTV-010.0 Datasheet(HTML) 5 Page - Connor-Winfield Corporation

  FTS125-CTV-010.0 Datasheet HTML 1Page - Connor-Winfield Corporation FTS125-CTV-010.0 Datasheet HTML 2Page - Connor-Winfield Corporation FTS125-CTV-010.0 Datasheet HTML 3Page - Connor-Winfield Corporation FTS125-CTV-010.0 Datasheet HTML 4Page - Connor-Winfield Corporation FTS125-CTV-010.0 Datasheet HTML 5Page - Connor-Winfield Corporation FTS125-CTV-010.0 Datasheet HTML 6Page - Connor-Winfield Corporation FTS125-CTV-010.0 Datasheet HTML 7Page - Connor-Winfield Corporation FTS125-CTV-010.0 Datasheet HTML 8Page - Connor-Winfield Corporation FTS125-CTV-010.0 Datasheet HTML 9Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
FTS125-CTV Data Sheet #:
SG185
Page 5
Rev:
02
Date:
01/03/12
© Copyright 2012 The Connor-Winfield Corp. All Rights Reserved
Specifications subject to change without notice
NOTES:
1. Stresses beyond those listed under “Absolute Maximum Rating” may cause permanent damage to the module. These are stress ratings only and functional operation of the device at these or any other
conditions beyond those indicated under “Operating Specifications” is not implied. Exposure to absolute maximum rated conditions for extended periods may affect device reliability.
2. Requires external regulation and supply decoupling.
3. Cold Power-up.
4. Holdover will be re-calculated with each successful lock.Yearly aging represents 1 continuous year in Holdover.
5. Relative to 25°C.
Absolute Maximum Rating
Table 2
Symbol
Parameter
Minimum
Maximum
Units
N otes
V
CC
PowerSupplyVoltage
-0.3
3.7
Volts
1
V
IN
InputVoltage
-0.3
4.6
Volts
1
V
PREAMP
AntennaSupplyVoltage
2.7
13.2
Volts
1
T
S
StorageTemperature
-30
80
°C
1
Operating Specifications
Table 3
Symbol
Parameter
Minimum
Nominal
Maximum
Units
Notes
V
CC1
SupplyVoltage1
3.135
3.3
3.465
V
I
CC1
SupplyCurrent1withTCXO
.200
.300
A
V
CC2
SupplyVoltage2
3.135
3.3
3.465
V
2
I
CC2
SupplyCurrent2withVCXO/TCVCXO
.038
.060
A
T
O
TemperatureRange
0
70
°C
t
JTOL
InputJitterTolerance
30
ns
t
AQ_GPS
GPSInputAcquisitionTime
120
sec
3
t
AQ_EXT
ExternalInputAcquisitionTime
90
sec
3
Oscillator Performance
PLL Option:
VCXO (CTV))
F
CAP
Capture/Pull-inRange
±50ppm
F
BW
JitterFilterBandwidth
6HzTyp.
DC
DutyCycle
45/55%
RMS
RMSPhaseNoise
10Hz-2MHz
20psTyp.
12kHz-2MHz
0.5psTyp.
Holdover/Wander Generation Performance
4
Reference Option:
Int TCXO (CTV)
T
STA
TemperatureStability
±0.5ppm
5
V
STA
VccStability
0.1ppm
A
YEARLY
YearlyAging
2ppm
WanderGenerationSpecification
ITU-TG.811


Número de pieza similar - FTS125-CTV-010.0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Connor-Winfield Corpora...
FTS125-COO-010.0 CONNOR-WINFIELD-FTS125-COO-010.0 Datasheet
720Kb / 10P
   GPS Disciplined Oscillators
More results

Descripción similar - FTS125-CTV-010.0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Connor-Winfield Corpora...
FTS125-COO-010.0 CONNOR-WINFIELD-FTS125-COO-010.0 Datasheet
720Kb / 10P
   GPS Disciplined Oscillators
logo
Vectron International, ...
MD-0100-DXD-TCXO VECTRON-MD-0100-DXD-TCXO Datasheet
956Kb / 8P
   GPS Disciplined Oscillator Module
MD-0110-DXD-TCXO VECTRON-MD-0110-DXD-TCXO Datasheet
968Kb / 8P
   GPS Disciplined Oscillator Module
AR-51-09 VECTRON-AR-51-09 Datasheet
699Kb / 8P
   GPS-Disciplined Rubidium Clock
AR-51-07 VECTRON-AR-51-07 Datasheet
622Kb / 8P
   GPS-Disciplined Rubidium Clock
AR-76 VECTRON-AR-76 Datasheet
731Kb / 10P
   GPS-Disciplined Rubidium/OCXO Clock
logo
Advanced XTAL Products
AXGPS5050 AXTAL-AXGPS5050 Datasheet
168Kb / 4P
   Compact GPS-Disciplined OCXO 10.000 MHz
AXGPS9000 AXTAL-AXGPS9000 Datasheet
242Kb / 5P
   GPS-Disciplined OCXO 10.000 MHz in 19??rack (1 HU)
logo
Vectron International, ...
MD-010 VECTRON-MD-010_1 Datasheet
843Kb / 8P
   Disciplined Oscillator Module
MD-261 VECTRON-MD-261 Datasheet
717Kb / 7P
   GNSS Disciplined Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com