Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FTS125-CTV-010.0 Datasheet(PDF) 4 Page - Connor-Winfield Corporation

No. de pieza FTS125-CTV-010.0
Descripción Electrónicos  GPS Disciplined Oscillators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CONNOR-WINFIELD [Connor-Winfield Corporation]
Página de inicio  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

FTS125-CTV-010.0 Datasheet(HTML) 4 Page - Connor-Winfield Corporation

  FTS125-CTV-010.0 Datasheet HTML 1Page - Connor-Winfield Corporation FTS125-CTV-010.0 Datasheet HTML 2Page - Connor-Winfield Corporation FTS125-CTV-010.0 Datasheet HTML 3Page - Connor-Winfield Corporation FTS125-CTV-010.0 Datasheet HTML 4Page - Connor-Winfield Corporation FTS125-CTV-010.0 Datasheet HTML 5Page - Connor-Winfield Corporation FTS125-CTV-010.0 Datasheet HTML 6Page - Connor-Winfield Corporation FTS125-CTV-010.0 Datasheet HTML 7Page - Connor-Winfield Corporation FTS125-CTV-010.0 Datasheet HTML 8Page - Connor-Winfield Corporation FTS125-CTV-010.0 Datasheet HTML 9Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
FTS125-CTV Data Sheet #:
SG185
Page 4
Rev:
02
Date:
01/03/12
© Copyright 2012 The Connor-Winfield Corp. All Rights Reserved
Specifications subject to change without notice
Pin Description
Table 1
Pin #
Pin Name
Description
1
TXC
RS-232communicationtransmitsignalforUART2(Optional)
2
TXB
RS-232communicationtransmitsignalforUART1(Optional)
3
TXA
RS-232communicationtransmitsignalforUART0(Optional)
4
GND
5
RXC
RS-232communicationreceivesignalforUART2(Optional)
6
RXB
RS-232communicationreceivesignalforUART1(Optional)
7
RXA
RS-232communicationreceivesignalforUART0(Optional)
8
*Bootsel
NormallyHIGH-OnlypulledlowforRS-232re-programmingofGPSsoftware.
Defaultstateispulledhighinternally.
9
10MHzRefInput
ExternalLVCMOS10MHzreference(Optional).Defaultstateispulledhighinternally.
10
*Reset
HardwareResetfortheGPStimingcircuitry.Pulllowtoreset.Defaultstateispulled
highinternally.
11
GND
12
1PPSRefInput
ExternalLVCMOS1PPSreference(Optional).Defaultstateispulledhighinternally.
13
GND
14
AntennaSupplyVoltage
AntennaSupplyVoltage.Limitcontinuouscurrentto45mAMax.
15
GND
16
VCC1
SupplyvoltageforGPStimingcircuitry.
17
VCC2
Supplyvoltagefornoiseclean-upandinterfacingcircuitry.
18
GND
19
SYNC1Control
Lockmodecontrolsignal1.SeeTable4forfunctionaldescription.
Defaultstateispulledhighinternally.
20
SYNC2Control
Lockmodecontrolsignal2.SeeTable4forfunctionaldescription.
Defaultstateispulledhighinternally.
21
*Disable
Open/High=enabledoutputs.Pulllowtodisablethe10MHzCMOSandSINEoutputs.
Defaultstateispulledhighinternally.
22
Unused
23
HoldoverStatus
High=UnitisinHoldover
24
LockStatus
High=Unitislockedtoselectedreference.
25
AntennaFaultStatus
High=AfaulthasbeendetectedonPin14(AntennaSupplyVoltage)
26
1PPSCMOSOutput
1PPSCMOSoutputprovidedbytheWi125
27
GND
28
10MHzCMOSOutput
10MHzlowjitterCMOSoutput
29
Unused
30
Unused
31
GND
32
10MHzSINEOutput
10MHzACcoupledlowjitterSINEoutput


Número de pieza similar - FTS125-CTV-010.0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Connor-Winfield Corpora...
FTS125-COO-010.0 CONNOR-WINFIELD-FTS125-COO-010.0 Datasheet
720Kb / 10P
   GPS Disciplined Oscillators
More results

Descripción similar - FTS125-CTV-010.0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Connor-Winfield Corpora...
FTS125-COO-010.0 CONNOR-WINFIELD-FTS125-COO-010.0 Datasheet
720Kb / 10P
   GPS Disciplined Oscillators
logo
Vectron International, ...
MD-0100-DXD-TCXO VECTRON-MD-0100-DXD-TCXO Datasheet
956Kb / 8P
   GPS Disciplined Oscillator Module
MD-0110-DXD-TCXO VECTRON-MD-0110-DXD-TCXO Datasheet
968Kb / 8P
   GPS Disciplined Oscillator Module
AR-51-09 VECTRON-AR-51-09 Datasheet
699Kb / 8P
   GPS-Disciplined Rubidium Clock
AR-51-07 VECTRON-AR-51-07 Datasheet
622Kb / 8P
   GPS-Disciplined Rubidium Clock
AR-76 VECTRON-AR-76 Datasheet
731Kb / 10P
   GPS-Disciplined Rubidium/OCXO Clock
logo
Advanced XTAL Products
AXGPS5050 AXTAL-AXGPS5050 Datasheet
168Kb / 4P
   Compact GPS-Disciplined OCXO 10.000 MHz
AXGPS9000 AXTAL-AXGPS9000 Datasheet
242Kb / 5P
   GPS-Disciplined OCXO 10.000 MHz in 19??rack (1 HU)
logo
Vectron International, ...
MD-010 VECTRON-MD-010_1 Datasheet
843Kb / 8P
   Disciplined Oscillator Module
MD-261 VECTRON-MD-261 Datasheet
717Kb / 7P
   GNSS Disciplined Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com