Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FTS125-CTV-010.0 Datasheet(PDF) 10 Page - Connor-Winfield Corporation

No. de pieza FTS125-CTV-010.0
Descripción Electrónicos  GPS Disciplined Oscillators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CONNOR-WINFIELD [Connor-Winfield Corporation]
Página de inicio  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

FTS125-CTV-010.0 Datasheet(HTML) 10 Page - Connor-Winfield Corporation

Back Button FTS125-CTV-010.0 Datasheet HTML 2Page - Connor-Winfield Corporation FTS125-CTV-010.0 Datasheet HTML 3Page - Connor-Winfield Corporation FTS125-CTV-010.0 Datasheet HTML 4Page - Connor-Winfield Corporation FTS125-CTV-010.0 Datasheet HTML 5Page - Connor-Winfield Corporation FTS125-CTV-010.0 Datasheet HTML 6Page - Connor-Winfield Corporation FTS125-CTV-010.0 Datasheet HTML 7Page - Connor-Winfield Corporation FTS125-CTV-010.0 Datasheet HTML 8Page - Connor-Winfield Corporation FTS125-CTV-010.0 Datasheet HTML 9Page - Connor-Winfield Corporation FTS125-CTV-010.0 Datasheet HTML 10Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Ordering Information
Ex: FTS125-COO-010.0MHz
FTS125
C
O
O
-010.0M
Temp Range
Wi125 Reference
PLL Oscillator
Output Frequency
C=0-70°C
T=TCXO
V=VCXO
* CTO Option is not available
2111 Comprehensive Drive
Aurora, Illinois 60505
Phone: 630- 851- 4722
Fax: 630- 851- 5040
www.conwin.com
Revision Date
Note
00
10/28/10
FTS125-CTVforPublicRelease
01
05/27/11
BlockDiagramupdatedwithWi125Receiver&SolderingRecommendations
02
01/03/12
AddedPackage&DimensionInformationtoFeatures
Available at Digi-Key
www.digikey.com


Número de pieza similar - FTS125-CTV-010.0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Connor-Winfield Corpora...
FTS125-COO-010.0 CONNOR-WINFIELD-FTS125-COO-010.0 Datasheet
720Kb / 10P
   GPS Disciplined Oscillators
More results

Descripción similar - FTS125-CTV-010.0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Connor-Winfield Corpora...
FTS125-COO-010.0 CONNOR-WINFIELD-FTS125-COO-010.0 Datasheet
720Kb / 10P
   GPS Disciplined Oscillators
logo
Vectron International, ...
MD-0100-DXD-TCXO VECTRON-MD-0100-DXD-TCXO Datasheet
956Kb / 8P
   GPS Disciplined Oscillator Module
MD-0110-DXD-TCXO VECTRON-MD-0110-DXD-TCXO Datasheet
968Kb / 8P
   GPS Disciplined Oscillator Module
AR-51-09 VECTRON-AR-51-09 Datasheet
699Kb / 8P
   GPS-Disciplined Rubidium Clock
AR-51-07 VECTRON-AR-51-07 Datasheet
622Kb / 8P
   GPS-Disciplined Rubidium Clock
AR-76 VECTRON-AR-76 Datasheet
731Kb / 10P
   GPS-Disciplined Rubidium/OCXO Clock
logo
Advanced XTAL Products
AXGPS5050 AXTAL-AXGPS5050 Datasheet
168Kb / 4P
   Compact GPS-Disciplined OCXO 10.000 MHz
AXGPS9000 AXTAL-AXGPS9000 Datasheet
242Kb / 5P
   GPS-Disciplined OCXO 10.000 MHz in 19??rack (1 HU)
logo
Vectron International, ...
MD-010 VECTRON-MD-010_1 Datasheet
843Kb / 8P
   Disciplined Oscillator Module
MD-261 VECTRON-MD-261 Datasheet
717Kb / 7P
   GNSS Disciplined Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com