Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FTS125-CTV-010.0 Datasheet(PDF) 1 Page - Connor-Winfield Corporation

No. de pieza FTS125-CTV-010.0
Descripción Electrónicos  GPS Disciplined Oscillators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CONNOR-WINFIELD [Connor-Winfield Corporation]
Página de inicio  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

FTS125-CTV-010.0 Datasheet(HTML) 1 Page - Connor-Winfield Corporation

  FTS125-CTV-010.0 Datasheet HTML 1Page - Connor-Winfield Corporation FTS125-CTV-010.0 Datasheet HTML 2Page - Connor-Winfield Corporation FTS125-CTV-010.0 Datasheet HTML 3Page - Connor-Winfield Corporation FTS125-CTV-010.0 Datasheet HTML 4Page - Connor-Winfield Corporation FTS125-CTV-010.0 Datasheet HTML 5Page - Connor-Winfield Corporation FTS125-CTV-010.0 Datasheet HTML 6Page - Connor-Winfield Corporation FTS125-CTV-010.0 Datasheet HTML 7Page - Connor-Winfield Corporation FTS125-CTV-010.0 Datasheet HTML 8Page - Connor-Winfield Corporation FTS125-CTV-010.0 Datasheet HTML 9Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Features
Phaselocked10MHzoutput
1PPSoutput
3selectablereferences:GPS,External10MHzorExternal1PPS
Holdover
Threealarmoutputs.(Loss-of-Lock,HoldoverandAntennaFault)
Serialinputandoutputports(GPSreceiver)
Masterreset
+3.3Voltpowersupply
CommercialTemp(0-70°C)
MeetsITU-TG.811WanderGenerationMask
MeetsETSI-PRCWanderGenerationMask(withOCXOreference)
MCXGPSAntennaConnection
FixedPositionUnit
Package:32-pinThrough-Hole
PhysicalDimensions:4.15”x3.3”x0.718”(105.41mmx83.82mmx18.22mm)
125 Series
FTS125-CTV-010.0 MHz
GPS Disciplined Oscillators
2111 Comprehensive Drive
Aurora, Illinois 60505
Phone: 630- 851- 4722
Fax: 630- 851- 5040
www.conwin.com
Bulletin
SG185
Revision
02
Date
03 Jan 12
Issued By
ENG
General Description
The FTS125-CTV-010.0 MHz Frequency and Time
Standard module is a TCXO GPS driven, mixed-signal
phase lock loop, providing a 1 PPS CMOS output from
a Connor-Winfield GPS timing receiver and generating
a 10 MHz CMOS and a 10 MHz SINE output from an
intrinsically low jitter voltage controlled crystal oscillator.
The FTS125 can lock to a 10 MHz reference derived
from the on-board GPS receiver or an external 10 MHz
reference or to an external 1 PPS reference. Alarms
are provided to indicate Loss-of-Lock, Holdover, and
Antenna Fault. The on-board GPS receiver requires an
outdoor mounted GPS antenna for the best stability and
consistent performance.
The mode control inputs are used to manually
switch between references and/or holdover. The user
application should monitor the alarm outputs and manually switch modes as needed.
Serial I/O lines provide access to the NMEA messages from the GPS receiver
(referenced in the Connor-Winfield’s Wi125 User Manual. Contact Connor-Winfield Sales
for a copy). The serial I/O lines can be used to access GPS timestamp information, or to
verify that the receiver has recovered from an alarm condition. The reset is used to reset
the GPS receiver (if needed).
D
A
T
A
S
H
E
E
T
Available at Digi-Key
www.digikey.com


Número de pieza similar - FTS125-CTV-010.0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Connor-Winfield Corpora...
FTS125-COO-010.0 CONNOR-WINFIELD-FTS125-COO-010.0 Datasheet
720Kb / 10P
   GPS Disciplined Oscillators
More results

Descripción similar - FTS125-CTV-010.0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Connor-Winfield Corpora...
FTS125-COO-010.0 CONNOR-WINFIELD-FTS125-COO-010.0 Datasheet
720Kb / 10P
   GPS Disciplined Oscillators
logo
Vectron International, ...
MD-0100-DXD-TCXO VECTRON-MD-0100-DXD-TCXO Datasheet
956Kb / 8P
   GPS Disciplined Oscillator Module
MD-0110-DXD-TCXO VECTRON-MD-0110-DXD-TCXO Datasheet
968Kb / 8P
   GPS Disciplined Oscillator Module
AR-51-09 VECTRON-AR-51-09 Datasheet
699Kb / 8P
   GPS-Disciplined Rubidium Clock
AR-51-07 VECTRON-AR-51-07 Datasheet
622Kb / 8P
   GPS-Disciplined Rubidium Clock
AR-76 VECTRON-AR-76 Datasheet
731Kb / 10P
   GPS-Disciplined Rubidium/OCXO Clock
logo
Advanced XTAL Products
AXGPS5050 AXTAL-AXGPS5050 Datasheet
168Kb / 4P
   Compact GPS-Disciplined OCXO 10.000 MHz
AXGPS9000 AXTAL-AXGPS9000 Datasheet
242Kb / 5P
   GPS-Disciplined OCXO 10.000 MHz in 19??rack (1 HU)
logo
Vectron International, ...
MD-010 VECTRON-MD-010_1 Datasheet
843Kb / 8P
   Disciplined Oscillator Module
MD-261 VECTRON-MD-261 Datasheet
717Kb / 7P
   GNSS Disciplined Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com