Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1411232 Datasheet(PDF) 1 Page - PHOENIX CONTACT

No. de pieza 1411232
Descripción Electrónicos  Reducing adapter - REDUC-K-KV-M25/M20 BK
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHOENIX [PHOENIX CONTACT]
Página de inicio  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1411232 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1411232 Datasheet HTML 1Page - PHOENIX CONTACT 1411232 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/1411232
08/03/2016   Page 1 / 2
Reducing adapter - REDUC-K-KV-M25/M20 BK - 1411232
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Reducing adapter, plastic, M25 to M20, including O-ring
Key Commercial Data
Packing unit
1 STK
Minimum order quantity
10 STK
Custom tariff number
39269097
Country of origin
Germany
Technical data
Dimensions
Length
14 mm
Length without connecting thread
6 mm
Connecting thread diameter
25 mm
Length of the connecting thread
8 mm
Ambient conditions
Degree of protection
IP65 (Depends on the screw connection used)
Ambient temperature (operation)
-30 °C ... 100 °C
General
Material
Polyamide fiberglass reinforced
Seal material
CR
Outer thread
M25
Internal thread
M20
Flammability rating according to UL 94
HB


Número de pieza similar - 1411232

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Heyco.
14112 HEYCO-14112 Datasheet
147Kb / 1P
Nylon Cable Tie Variations
logo
Evolt
14112 EKTOR-14112 Datasheet
243Kb / 2P
RAZOR PENDANT ADV
5th of February 2025 07:44:18
logo
PHOENIX CONTACT
1411200 PHOENIX-1411200 Datasheet
298Kb / 5P
Cable gland - G-INSEC-PG21-M68N-NNES-S
01/21/2022
1411201 PHOENIX-1411201 Datasheet
298Kb / 5P
Cable gland - G-INSEC-PG29-M68N-NNES-S
01/21/2022
1411245 PHOENIX-1411245 Datasheet
49Kb / 3P
Filler plugs - HC-K-BS-M25 BK
More results

Descripción similar - 1411232

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PHOENIX CONTACT
1410712 PHOENIX-1410712 Datasheet
52Kb / 3P
Reducing adapter - REDUC-K-KV-M32/M25 BK
1410725 PHOENIX-1410725 Datasheet
52Kb / 2P
Reducing adapter - REDUC-K-KV-M32/M20 BK
1410738 PHOENIX-1410738 Datasheet
52Kb / 3P
Reducing adapter - REDUC-K-KV-M40/M32 BK
1647611 PHOENIX-1647611 Datasheet
51Kb / 2P
Reducing adapter - REDUC-M-KV-M20/M16
1647624 PHOENIX-1647624 Datasheet
51Kb / 2P
Reducing adapter - REDUC-M-KV-M25/M20
1647637 PHOENIX-1647637 Datasheet
79Kb / 3P
REDUC-M-KV-M32/M25
1690626 PHOENIX-1690626 Datasheet
112Kb / 3P
HC-K-KV-M20(8-13)
1082732 PHOENIX-1082732 Datasheet
234Kb / 3P
Reducing adapter - REDUC-K-KV-M20/M16 BK
01/21/2022
1410741 PHOENIX-1410741 Datasheet
67Kb / 3P
Reducing adapter - REDUC-K-KV-M40/M25 BK
09/11/2020
1647666 PHOENIX-1647666 Datasheet
63Kb / 3P
Extension adapter - ENLAR-M-KV-M20/M25
09/11/2020
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com