| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M38B53M4-059FP Datasheet(PDF) 318 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M38B53M4-059FP Datasheet(HTML) 318 Page - Mitsubishi Electric Semiconductor |
|
318 / 355 page ![]() 3-70 APPENDIX 38B5 Group User’s Manual 3.6 Mask ROM confirmation form 740 FAMILY MASK ROM CONFIRMATION FORM SINGLE-CHIP MICROCOMPUTER M38B57MCH- XXXFP MITSUBISHI ELECTRIC GZZ-SH54-20B<88A1> Mask ROM number We recommend the use of the following pseudo-command to set the start address of the assembler source program be- cause ASCII codes of the product name are written to addresses 000016 to 000916 of EPROM. EPROM type The pseudo-command Note : If the name of the product written to the EPROMs does not match the name of the mask confirmation form, the ROM will not be processed. 27512 *= $0000 .BYTE ‘M38B57MCH–’ (2/3) V g 2. Mask option specification High-breakdown voltage ports P20 to P27 and P80 to P83 can be selected whether pull-down resistors are built-in or not from among the following 8 types by the mask option. Select built-in type of pull-down resistors from among the following A to G, P, and fill out the following certainly. (Fill out the upper part of page 1/3 also.) Set the data of the same option type name in EPROM specified address. (Set the ASCII code of A to G, P; 4116 to 4716, 5016.) Set the following pseudo-command to the assembler source program. EPROM type The pseudo-command 27512 *= $0010 .BYTE $XX Option type Connective port of pull-down resistor (connected at “1” writing) P20 P21 P22 P23 P24 P25 P26 P27 P80 P81 P82 P83 1 A ($41) B ($42) C ($43) D ($44) E ($45) F ($46) G ($47) Option type Fill out with any one of A to G, P. M38B57MCH-XXXFP 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 11 1 1 1 1 1 1 1 1 11 11 1 1 1 11 1 P ($50) 1 11 11 1 1 1 |