Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

G-125 Datasheet(PDF) 1 Page - Formosa MS

No. de pieza G-125
Descripción Electrónicos  AC?득틦 LED?됧폊?롦Æ?
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FORMOSA [Formosa MS]
Página de inicio  http://www.formosams.com
Logo FORMOSA - Formosa MS

G-125 Datasheet(HTML) 1 Page - Formosa MS

  G-125 Datasheet HTML 1Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AC电源 LED光引擎模块
LED 光引擎模块驱动组件
CRD
20mA/SOD-123S
50mA/SMA-S
150mA/SMC-T3
SOD-123,SMA,SMB,SMC
200W
~ 3 0 0 0 W
5V~440V
TVS
MINI BRIDGE
最轻薄AC整流器
QFNB
50V~1000V
1A~2A
瞬时电压抑制器
定电流二极管
光引擎模块 工作方块图
AC
110V
220V
AC
110V
220V
负载
稳流
‧产品名称:大功率AC电源LED光引擎模块。
‧电压规格:220V(±10%)。
‧功率:100/120/150W。
‧可容许电压范围:,220V(180~264V)
‧环境温度:-40~60℃。
‧工作温度:80℃。
‧流明(Lm):13000-19500lm。
‧色温:色温:2700-3000K(暖白)4000-4500K(太阳光)
5700-6000K(正白)
‧防水/尘等级:IP67。
‧尺寸:长70x宽70x高6.5,mm。
‧去电源化设计无电解电容,可靠度高/寿命长。
‧采用台湾芯片特点:高亮度/低衰减/耗能小/寿命长/抗静电能力强。
‧产品均使用硅胶封装,符合环保无铅制程产品要求。
COB制程高导热耐击穿金属复合基板,高亮度好散热。
‧突波吸收器:可防止雷击伤害。
‧轻量化:重量约80~100g(公克)。
‧降低维护成本:半导体制程,低故障率。
产品类
Item
型号
Model
尺寸
Dimensions
输入电压
Input
Voltage
消耗功率
Watt
功率因
PF
色温
CCT
演色指数
CRI
流明
LM
照明
LUX@5Meter
sc
SC-100
Ø305
×255
AC220V
100w
≧0.85
2700K
4500K
5700K
75±2%Ra
15000
130
SC-125
Ø305
×255
125w
18000
150
SC-150
Ø305
×255
150w
20000
168
产品类
Item
型号
Model
尺寸
Dimensions
输入电压
InputVoltage
消耗功率
Watt
功率因子
PF
色温
CCT
演色指数
CRI
流明
LM
照明
LUX@5Meter
G65A
G-100
403×295×60
AC220V
100w
≧0.85
2700K
4500K
5700K
75±2%Ra
15000
130
G-125
403×295×60
125w
18000
150
G-150
431×330×60
150w
20000
168
台北 23680 新北市土城区中央路三段208号5楼 TEL:886-2-22696661 FAX:886-2-22696141
杭州 310053 中国杭州市滨江区明道路6号一楼三层 TEL:86-571-86698326 FAX:86-571-86696991
美丽微半导体股份有限公司


Número de pieza similar - G-125

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
G-1-380 VISHAY-G-1-380 Datasheet
192Kb / 3P
   Wirewound Resistors, Military, MIL-PRF-26 Qualified, Type RW, Precision Power, Silicone Coated
Revision: 22-Mar-06
G-1-80 VISHAY-G-1-80 Datasheet
192Kb / 3P
   Wirewound Resistors, Military, MIL-PRF-26 Qualified, Type RW, Precision Power, Silicone Coated
Revision: 22-Mar-06
logo
Hirose Electric
G-1.6PCF HIROSE-G-1.6PCF Datasheet
1Mb / 22P
   USCAR specified connector as SAE/USCAR-19
logo
Vishay Siliconix
G-10 VISHAY-G-10 Datasheet
192Kb / 3P
   Wirewound Resistors, Military, MIL-PRF-26 Qualified, Type RW, Precision Power, Silicone Coated
Revision: 22-Mar-06
More results

Descripción similar - G-125

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Formosa MS
QRDM-LED02 FORMOSA-QRDM-LED02 Datasheet
169Kb / 1P
   LED?됧폊?롦Æ???뜸뻑佯붺뵪
logo
Seoul Semiconductor
SMJC-XV08W2P4 SEOUL-SMJC-XV08W2P4 Datasheet
976Kb / 23P
   Integrated AC LED Solution
SMJD-XV12W2P SEOUL-SMJD-XV12W2P Datasheet
1Mb / 26P
   Integrated AC LED Solution
SMJE-XV04W1P SEOUL-SMJE-XV04W1P Datasheet
956Kb / 25P
   Integrated AC LED Solution
SMJE-XV12W2P4 SEOUL-SMJE-XV12W2P4 Datasheet
910Kb / 24P
   Integrated AC LED Solution
SMJQ-XC95W4PX SEOUL-SMJQ-XC95W4PX Datasheet
2Mb / 20P
   Integrated AC LED Solution
SMJQ-XCA5W4PX SEOUL-SMJQ-XCA5W4PX Datasheet
3Mb / 20P
   Integrated AC LED Solution
logo
AIMTEC
AMEPR10-Z AIMTEC-AMEPR10-Z Datasheet
596Kb / 7P
   AC-DC LED driver
AMEPR16-Z AIMTEC-AMEPR16-Z Datasheet
558Kb / 6P
   AC-DC LED driver
logo
Seoul Semiconductor
SMJQ-12XNJNSC SEOUL-SMJQ-12XNJNSC Datasheet
663Kb / 15P
   Integrated AC LED Solution
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com