| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TMS570LS1114 Datasheet(PDF) 115 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS570LS1114 Datasheet(HTML) 115 Page - Texas Instruments |
|
115 / 169 page ![]() TMS570LS1114 www.ti.com SPNS188B – OCTOBER 2012 – REVISED FEBRUARY 2015 Table 7-5. ePWMx Switching Characteristics (continued) PARAMETER TEST CONDITIONS MIN MAX UNIT td(TZ- Delay time, trip input active to PWM Hi-Z 20 ns PWM)HZ Table 7-6. ePWMx Trip-Zone Timing Requirements PARAMETER TEST CONDITIONS MIN MAX UNIT tw(TZ) Pulse duration, TZn input low Asynchronous 2 * HSPCLKDIV * ns CLKDIV * tc(VCLK4) (1) Synchronous 2 tc(VCLK4) ns Synchronous, with input 8 tc(VCLK4) ns filter (1) Refer to the ePWM chapter of the TMS570LS12x/11x Technical Reference Manual (SPNU515) for more information on the clock divider fields HSPCLKDIV and CLKDIV. Copyright © 2012–2015, Texas Instruments Incorporated Peripheral Information and Electrical Specifications 115 Submit Documentation Feedback Product Folder Links: TMS570LS1114 |