Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FOD817A Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza FOD817A
Descripción Electrónicos  4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD817A Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FOD817A Datasheet HTML 1Page - Fairchild Semiconductor FOD817A Datasheet HTML 2Page - Fairchild Semiconductor FOD817A Datasheet HTML 3Page - Fairchild Semiconductor FOD817A Datasheet HTML 4Page - Fairchild Semiconductor FOD817A Datasheet HTML 5Page - Fairchild Semiconductor FOD817A Datasheet HTML 6Page - Fairchild Semiconductor FOD817A Datasheet HTML 7Page - Fairchild Semiconductor FOD817A Datasheet HTML 8Page - Fairchild Semiconductor FOD817A Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
8/19/04
Page 1 of 9
© 2004 Fairchild Semiconductor Corporation
4-PIN PHOTOTRANSISTOR
OPTOCOUPLERS
FOD817 Series
DESCRIPTION
The FOD817 Series consists of a gallium arsenide infrared
emitting diode driving a silicon phototransistor in a 4-pin dual in-line package.
FEATURES
Applicable to Pb-free IR reflow soldering
Compact 4-pin package
Current transfer ratio in selected groups:
FOD817:
50-600%
FOD817A:
80-160%
FOD817B:
130-260%
FOD817C:
200-400%
FOD817D:
300-600%
C-UL, UL and VDE approved
High input-output isolation voltage of 5000 Vrms
APPLICATIONS
FOD817 Series
•Power supply regulators
Digital logic inputs
Microprocessor inputs
ABSOLUTE MAXIMUM RATINGS (TA = 25°C Unless otherwise specified.)
Parameter
Symbol
Value
Units
TOTAL DEVICE
Storage Temperature
TSTG
-55 to +125
°C
Operating Temperature
TOPR
-30 to +100
°C
Lead Solder Temperature
TSOL
260 for 10 sec
°C
Total Device Power Dissipation
PD
200
mW
EMITTER
Continuous Forward Current
IF
50
mA
Reverse Voltage
VR
6V
LED Power Dissipation
Derate above 25°C
PD
70
mW
0.93
mW/°C
DETECTOR
Collector-Emitter Voltage
VCEO
70
V
Emitter-Collector Voltage
VECO
6V
Continuous Collector Current
IC
50
mA
Detector Power Dissipation
Derate above 25°C
PD
150
mW
2.0
mW/°C
1
2
4
3 EMITTER
COLLECTOR
ANODE
CATHODE
FUNCTIONAL BLOCK DIAGRAM
4
1


Número de pieza similar - FOD817A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FOD817A FAIRCHILD-FOD817A Datasheet
578Kb / 12P
   4-Pin Phototransistor Optocouplers
FOD817A FAIRCHILD-FOD817A Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817A FAIRCHILD-FOD817A Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817A FAIRCHILD-FOD817A Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
logo
ON Semiconductor
FOD817A ONSEMI-FOD817A Datasheet
534Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
July-201 8, Rev. 5
More results

Descripción similar - FOD817A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FOD617 FAIRCHILD-FOD617 Datasheet
578Kb / 12P
   4-Pin Phototransistor Optocouplers
H11AA814 FAIRCHILD-H11AA814_06 Datasheet
527Kb / 11P
   4-Pin Phototransistor Optocouplers
logo
QT Optoelectronics
H11AA814 QT-H11AA814 Datasheet
30Kb / 4P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11AA814 FAIRCHILD-H11AA814 Datasheet
496Kb / 9P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
FOD816 FAIRCHILD-FOD816 Datasheet
114Kb / 9P
   4-Pin Phototransistor Optocouplers
logo
ON Semiconductor
FOD814 ONSEMI-FOD814_V02 Datasheet
388Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
September, 2023 - Rev. 9
FOD814 ONSEMI-FOD814_V01 Datasheet
361Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
August, 2021 ??Rev. 7
FOD814 ONSEMI-FOD814 Datasheet
534Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
July-201 8, Rev. 5
logo
QT Optoelectronics
CNX82AW QT-CNX82AW Datasheet
40Kb / 4P
   6-pin phototransistor optocouplers
logo
Fairchild Semiconductor
SL5500 FAIRCHILD-SL5500 Datasheet
525Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com