Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM3242TME/NOPB Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM3242TME/NOPB
Descripción Electrónicos  750mA Miniature Adjustable Step-Down DC-DC Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM3242TME/NOPB Datasheet(HTML) 23 Page - Texas Instruments

Back Button LM3242TME/NOPB Datasheet HTML 19Page - Texas Instruments LM3242TME/NOPB Datasheet HTML 20Page - Texas Instruments LM3242TME/NOPB Datasheet HTML 21Page - Texas Instruments LM3242TME/NOPB Datasheet HTML 22Page - Texas Instruments LM3242TME/NOPB Datasheet HTML 23Page - Texas Instruments LM3242TME/NOPB Datasheet HTML 24Page - Texas Instruments LM3242TME/NOPB Datasheet HTML 25Page - Texas Instruments LM3242TME/NOPB Datasheet HTML 26Page - Texas Instruments LM3242TME/NOPB Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
LM3242
www.ti.com
SNOSB48E – OCTOBER 2011 – REVISED AUGUST 2015
Layout Guidelines (continued)
10.1.3.1 Component Placement
PVIN
1. Use a star connection from PVIN to LM3242 and PVIN to PA VBATT connection (VCC1). Do not daisy-
chain PVIN connection to LM3242 circuit and then to PA device PVIN connection.
TOP LAYER
1. Place a via in LM3242 SGND(A2), BPEN(C1) pads to drop and connect directly to System GND Layer 4.
2. Place two vias at LM3242 SW solder bump to drop VSW trace to Layer 3.
3. Connect C2 and C3 capacitor GND pads to PGND bump on LM3242 using a star connection. Place vias
in C2 and C3 GND pads that connect directly to System GND Layer 4.
4. Add 01005/0201 capacitor footprints (C1, C4) to input/output of LM3242 for improved high frequency
filtering. C1 and C4 GND pads connect directly to System GND Layer 4.
5. Place three vias at L1 inductor pad to bring up VSW trace from Layer 3 to top Layer.
LAYER 2
1. Make FB trace at least 10 mils (0.254 mm) wide.
2. Isolate FB trace away from noisy nodes and connect directly to C3 output capacitor. Place a via in
LM3242 SGND(A2), BPEN(C1) pads to drop and connect directly to System GND Layer 4.
LAYER 3
1. Make VSW trace at least 15 mils (0.381 mm) wide.
LAYER 4 (System GND
1. Connect C2 and C3 PGND vias to this layer.
2. Connect C1 and C4 GND vias to this layer.
3. Connect LM3242 SGND(A2), BPEN(C1), NC(B2) pad vias to this layer.
10.2 Layout Examples
Figure 33. Board Layer 1 – PVIN and PGND Routing
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LM3242


Número de pieza similar - LM3242TME/NOPB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM3242 TI1-LM3242 Datasheet
4Mb / 28P
[Old version datasheet]   6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter with Auto Bypass for RF Power Amplifiers
REVISED MARCH 2013
LM3242 TI-LM3242 Datasheet
1Mb / 32P
[Old version datasheet]   LM3242 6-MHz, 750-mA Miniature Adjustable Step-Down DC-DC Converter With Auto Bypass for RF Power Amplifiers
REVISED AUGUST 2015
LM3242 TI1-LM3242_14 Datasheet
4Mb / 28P
[Old version datasheet]   6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter with Auto Bypass for RF Power Amplifiers
REVISED MARCH 2013
LM3242 TI-LM3242_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM3242 6-MHz, 750-mA Miniature Adjustable Step-Down DC-DC Converter With Auto Bypass for RF Power Amplifiers
REVISED AUGUST 2015
More results

Descripción similar - LM3242TME/NOPB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM3204 TI1-LM3204_16 Datasheet
950Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3200 TI1-LM3200 Datasheet
982Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3262 TI1-LM3262 Datasheet
2Mb / 41P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3218 TI1-LM3218 Datasheet
3Mb / 21P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3205 TI1-LM3205_16 Datasheet
1Mb / 28P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3241 TI1-LM3241_13 Datasheet
1Mb / 23P
[Old version datasheet]   LM3241 6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
REVISED APRIL 2013
LM3208 TI1-LM3208 Datasheet
3Mb / 25P
[Old version datasheet]   650mA Miniature, Adjustable, Step-Down DC-DC Converter
LM3241 TI1-LM3241 Datasheet
185Kb / 6P
[Old version datasheet]   LM3241 PRODUCT BRIEF 6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
October 13, 2011
LM3242 TI1-LM3242_14 Datasheet
4Mb / 28P
[Old version datasheet]   6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter with Auto Bypass for RF Power Amplifiers
REVISED MARCH 2013
logo
National Semiconductor ...
LM3205 NSC-LM3205 Datasheet
1Mb / 18P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com