Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM3242TME/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM3242TME/NOPB
Descripción Electrónicos  750mA Miniature Adjustable Step-Down DC-DC Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM3242TME/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM3242TME/NOPB Datasheet HTML 13Page - Texas Instruments LM3242TME/NOPB Datasheet HTML 14Page - Texas Instruments LM3242TME/NOPB Datasheet HTML 15Page - Texas Instruments LM3242TME/NOPB Datasheet HTML 16Page - Texas Instruments LM3242TME/NOPB Datasheet HTML 17Page - Texas Instruments LM3242TME/NOPB Datasheet HTML 18Page - Texas Instruments LM3242TME/NOPB Datasheet HTML 19Page - Texas Instruments LM3242TME/NOPB Datasheet HTML 20Page - Texas Instruments LM3242TME/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
ISAT > IOUT_MAX + IRIPPLE
VOUT
VIN
©
§
VIN - VOUT
2 x L
©
§
x
IRIPPLE =
x
1
f
©
§
where
LM3242
www.ti.com
SNOSB48E – OCTOBER 2011 – REVISED AUGUST 2015
Typical Application (continued)
8.2.1 Design Requirements
For typical step-down DC-DC applications, use the parameters listed in Table 2.
Table 2. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Minimum input voltage
2.7 V
Minimum output voltage
0.4 V
Output current
0 to 750 mA
Switching frequency
6 MHz (typical)
8.2.2 Detailed Design Procedure
8.2.2.1 Inductor Selection
There are two main considerations when choosing an inductor; the inductor must not saturate, and the inductor
current ripple is small enough to achieve the desired output voltage ripple. Different manufacturers follow
different saturation current rating specifications, so attention must be given to details. Saturation current ratings
are typically specified at 25°C so ratings over the ambient temperature of application should be requested from
manufacturer.
Minimum value of inductance to ensure good performance is 0.3 µH at bias current (ILIM (typical)) over the
ambient temperature range. Shielded inductors radiate less noise and are preferred. There are two methods to
choose the inductor saturation current rating:
8.2.2.1.1
Method 1
The saturation current must be greater than the sum of the maximum load current and the worst-case average-
to-peak inductor current. This can be written as:
where
IRIPPLE: average-to-peak inductor current
IOUT_MAX: maximum load current (750 mA)
VIN: maximum input voltage in application
L minimum inductor value including worst-case tolerances (30% drop can be considered for Method 1)
F: minimum switching frequency (5.7 MHz)
VOUT: output voltage
(2)
8.2.2.1.2
Method 2
A more conservative and recommended approach is to choose an inductor that can handle the maximum current
limit of 1600 mA.
The resistance of the inductor must be less than approximately 0.1
Ω for good efficiency. Table 3 lists suggested
inductors and suppliers.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM3242


Número de pieza similar - LM3242TME/NOPB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM3242 TI1-LM3242 Datasheet
4Mb / 28P
[Old version datasheet]   6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter with Auto Bypass for RF Power Amplifiers
REVISED MARCH 2013
LM3242 TI-LM3242 Datasheet
1Mb / 32P
[Old version datasheet]   LM3242 6-MHz, 750-mA Miniature Adjustable Step-Down DC-DC Converter With Auto Bypass for RF Power Amplifiers
REVISED AUGUST 2015
LM3242 TI1-LM3242_14 Datasheet
4Mb / 28P
[Old version datasheet]   6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter with Auto Bypass for RF Power Amplifiers
REVISED MARCH 2013
LM3242 TI-LM3242_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM3242 6-MHz, 750-mA Miniature Adjustable Step-Down DC-DC Converter With Auto Bypass for RF Power Amplifiers
REVISED AUGUST 2015
More results

Descripción similar - LM3242TME/NOPB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM3204 TI1-LM3204_16 Datasheet
950Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3200 TI1-LM3200 Datasheet
982Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3262 TI1-LM3262 Datasheet
2Mb / 41P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3218 TI1-LM3218 Datasheet
3Mb / 21P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3205 TI1-LM3205_16 Datasheet
1Mb / 28P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3241 TI1-LM3241_13 Datasheet
1Mb / 23P
[Old version datasheet]   LM3241 6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
REVISED APRIL 2013
LM3208 TI1-LM3208 Datasheet
3Mb / 25P
[Old version datasheet]   650mA Miniature, Adjustable, Step-Down DC-DC Converter
LM3241 TI1-LM3241 Datasheet
185Kb / 6P
[Old version datasheet]   LM3241 PRODUCT BRIEF 6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
October 13, 2011
LM3242 TI1-LM3242_14 Datasheet
4Mb / 28P
[Old version datasheet]   6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter with Auto Bypass for RF Power Amplifiers
REVISED MARCH 2013
logo
National Semiconductor ...
LM3205 NSC-LM3205 Datasheet
1Mb / 18P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com