Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM112 Datasheet(PDF) 2 Page - Texas Instruments

No. de pieza LM112
Descripción Electrónicos  Operational Amplifiers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM112 Datasheet(HTML) 2 Page - Texas Instruments

  LM112_11 Datasheet HTML 1Page - Texas Instruments LM112_11 Datasheet HTML 2Page - Texas Instruments LM112_11 Datasheet HTML 3Page - Texas Instruments LM112_11 Datasheet HTML 4Page - Texas Instruments LM112_11 Datasheet HTML 5Page - Texas Instruments LM112_11 Datasheet HTML 6Page - Texas Instruments LM112_11 Datasheet HTML 7Page - Texas Instruments LM112_11 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TLH7751
September 1992
LM112LM212LM312 Operational Amplifiers
General Description
The LM112 series are micropower operational amplifiers
with very low offset-voltage and input-current errorsat
least a factor of ten better than FET amplifiers over a
b
55 Cto a125 C temperature range Similar to the LM108
series that also use supergain transistors they differ in that
they include internal frequency compensation and have pro-
visions for offset adjustment with a single potentiometer
These amplifiers will operate on supply voltages of g2V to
g
20V drawing a quiescent current of only 300 mA Per-
formance is not appreciably affected over this range of volt-
ages so operation from unregulated power sources is easily
accomplished They can also be run from a single supply
like the 5V used for digital circuits
The LM112 series are the first IC amplifiers to improve reli-
ability by including overvoltage protection for the MOS com-
pensation capacitor Without this feature IC’s have been
known to suffer catastrophic failure caused by short-dura-
tion overvoltage spikes on the supplies Unlike other inter-
nally-compensated IC amplifiers it is possible to overcom-
pensate with an external capacitor to increase stability mar-
gin
The LM212 is identical to the LM112 except that the LM212
has its performance guaranteed over a b25 Cto a85 C
temperature range instead of b55 Cto a125 C The
LM312 is guaranteed over a 0 Cto a70 C temperature
range
Features
Y
Maximum input bias current of 3 nA over temperature
Y
Offset current less than 400 pA over temperature
Y
Low noise
Y
Guaranteed drift specifications
Connection Diagram
Metal Can Package
TLH7751 – 4
Top View
Order Number LM112H LM212H LM312H or LM112H883
See NS Package Number H08C
Auxiliary Circuits
Offset Balancing
TLH7751 – 2
Overcompensation for Greater Stability Margin
TLH7751 – 3
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Número de pieza similar - LM112_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Connor-Winfield Corpora...
LM112-155.52M CONNOR-WINFIELD-LM112-155.52M Datasheet
138Kb / 2P
   5.0x7.0mm Surface Mount LVDS Clock Oscillator Series
More results

Descripción similar - LM112_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
   Operational Amplifiers
logo
SG Micro Corp
SGM8535 SGMICRO-SGM8535 Datasheet
379Kb / 16P
   Operational Amplifiers
logo
Texas Instruments
LM118-N TI1-LM118-N_15 Datasheet
1Mb / 25P
[Old version datasheet]   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com