Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ASBSV8-LED5 Datasheet(PDF) 148 Page - Lumberg

No. de pieza ASBSV8-LED5
Descripción Electrónicos  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LUMBERG [Lumberg]
Página de inicio  http://www.lumberg.com
Logo LUMBERG - Lumberg

ASBSV8-LED5 Datasheet(HTML) 148 Page - Lumberg

Back Button ASBSV8-LED5 Datasheet HTML 144Page - Lumberg ASBSV8-LED5 Datasheet HTML 145Page - Lumberg ASBSV8-LED5 Datasheet HTML 146Page - Lumberg ASBSV8-LED5 Datasheet HTML 147Page - Lumberg ASBSV8-LED5 Datasheet HTML 148Page - Lumberg ASBSV8-LED5 Datasheet HTML 149Page - Lumberg ASBSV8-LED5 Datasheet HTML 150Page - Lumberg ASBSV8-LED5 Datasheet HTML 151Page - Lumberg ASBSV8-LED5 Datasheet HTML 152Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 178 page
background image
1-717-217-2299
www.lumberg-automationusa.com
148
References
Glossary of Terms
W
W (Watt or Wattage)
A unit of measure for electrical power.
Watt (W)
The unit of measure for electrical power.
Wicking
Capillary absorption of a liquid along the fibers of the
base material.
Withdrawal Force
The force required to separate two mated contacts or
group of contacts.
X
X
The alpha symbol for Reactance – opposition to
alternating electric current flow caused by inductance
and capacitance in a circuit.
XLR
A multi pin audio connector (typically 3 pins) used in
a microphone, line level and snake cable connections.
Y
Z