Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ASBSV8-LED5 Datasheet(PDF) 140 Page - Lumberg

No. de pieza ASBSV8-LED5
Descripción Electrónicos  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LUMBERG [Lumberg]
Página de inicio  http://www.lumberg.com
Logo LUMBERG - Lumberg

ASBSV8-LED5 Datasheet(HTML) 140 Page - Lumberg

Back Button ASBSV8-LED5 Datasheet HTML 136Page - Lumberg ASBSV8-LED5 Datasheet HTML 137Page - Lumberg ASBSV8-LED5 Datasheet HTML 138Page - Lumberg ASBSV8-LED5 Datasheet HTML 139Page - Lumberg ASBSV8-LED5 Datasheet HTML 140Page - Lumberg ASBSV8-LED5 Datasheet HTML 141Page - Lumberg ASBSV8-LED5 Datasheet HTML 142Page - Lumberg ASBSV8-LED5 Datasheet HTML 143Page - Lumberg ASBSV8-LED5 Datasheet HTML 144Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 178 page
background image
1-717-217-2299
www.lumberg-automationusa.com
140
Industrial Ethernet
Ethernet-Data Cables-Moderate Flex, 4-Twisted Pair, 26 AWG Stranded, Shielded, PUR Halogen-Free Cable
FWD 5
FWD 5
Part No.
0985 S3667 100/0.5 M
0985 S3667 101/0.5 M
0985 S3667 100/1 M
0985 S3667 101/1 M
0985 S3667 100/2 M
0985 S3667 101/2 M
0985 S3667 100/5 M
0985 S3667 101/5 M
0985 S3667 100/10 M
0985 S3667 100/15 M
0985 S3667 100/20 M
0985 S3667 100/25 M
0985 S3667 100/30 M
0985 S3667 100/35 M
0985 S3667 100/40 M
0985 S3667 100/45 M
0985 S3667 100/50 M
Part No.
0985 S3667 500/0.5 M
0985 S3667 500/1 M
0985 S3667 500/2 M
0985 S3667 500/5 M
0985 S3667 500/10 M
Industrial Ethernet Double-Ended Data Cables
(molded on both sides) 4-Pair, PUR Halogen-Free Blue
Jacket with Foil and Braid Shield, Standard Coding.
0985 S3667 100/...M: 8-Pin, M12-Male Straight to
M12-Male Straight, IP 67 Rated.
0985 S3667 101/...M: 8-Pin, M12-Male Straight to
M12-Male Straight with Cross-Over Wire.
Industrial Ethernet Double-Ended Data Cables, 4-Pair,
PUR Halogen-Free Blue Jacket with Foil and Braid
Shield, Standard Coding.
0985 S3667 500/...M: 8-Pin, RJ45 to RJ45,
IP 65 Rated.
0985 S3667 100/...M | 0985 S3667 101/...M |
0985 S3667 500/...M