Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MB91F528R Datasheet(PDF) 231 Page - SPANSION

No. de pieza MB91F528R
Descripción Electrónicos  This document states the current technical specifications regarding
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SPANSION [SPANSION]
Página de inicio  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F528R Datasheet(HTML) 231 Page - SPANSION

Back Button MB91F528R Datasheet HTML 227Page - SPANSION MB91F528R Datasheet HTML 228Page - SPANSION MB91F528R Datasheet HTML 229Page - SPANSION MB91F528R Datasheet HTML 230Page - SPANSION MB91F528R Datasheet HTML 231Page - SPANSION MB91F528R Datasheet HTML 232Page - SPANSION MB91F528R Datasheet HTML 233Page - SPANSION MB91F528R Datasheet HTML 234Page - SPANSION MB91F528R Datasheet HTML 235Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 241 page
background image
D a t a S h e e t
228
MB91F528_DS705-00016-1v0-E, March 28, 2014
CONFIDENTIAL
Part number
Sub clock
CSV Initial value
LVD Initial value
Package*
1
MB91F528RWCPMC1
Yes
ON
ON
LQFP•144 pin,
(Lead pitch 0.4mm)
Plastic (FPT-144P-M12)
MB91F528RYCPMC1
OFF
MB91F528RJCPMC1
OFF
ON
MB91F528RLCPMC1
OFF
MB91F527RWCPMC1
ON
ON
MB91F527RYCPMC1
OFF
MB91F527RJCPMC1
OFF
ON
MB91F527RLCPMC1
OFF
MB91F528RSCPMC1
None
ON
ON
MB91F528RUCPMC1
OFF
MB91F528RHCPMC1
OFF
ON
MB91F528RKCPMC1
OFF
MB91F527RSCPMC1
ON
ON
MB91F527RUCPMC1
OFF
MB91F527RHCPMC1
OFF
ON
MB91F527RKCPMC1
OFF
MB91F528MWCEQ
Yes
ON
ON
TEQFP•208 pin,
Plastic (FPT-208P-M36)
MB91F528MYCEQ
OFF
MB91F528MJCEQ
OFF
ON
MB91F528MLCEQ
OFF
MB91F527MWCEQ
ON
ON
MB91F527MYCEQ
OFF
MB91F527MJCEQ
OFF
ON
MB91F527MLCEQ
OFF
MB91F528MSCEQ
None
ON
ON
MB91F528MUCEQ
OFF
MB91F528MHCEQ
OFF
ON
MB91F528MKCEQ
OFF
MB91F527MSCEQ
ON
ON
MB91F527MUCEQ
OFF
MB91F527MHCEQ
OFF
ON
MB91F527MKCEQ
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com