Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AR-51-09 Datasheet(PDF) 7 Page - Vectron International, Inc

No. de pieza AR-51-09
Descripción Electrónicos  GPS-Disciplined Rubidium Clock
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VECTRON [Vectron International, Inc]
Página de inicio  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

AR-51-09 Datasheet(HTML) 7 Page - Vectron International, Inc

  AR-51-09 Datasheet HTML 1Page - Vectron International, Inc AR-51-09 Datasheet HTML 2Page - Vectron International, Inc AR-51-09 Datasheet HTML 3Page - Vectron International, Inc AR-51-09 Datasheet HTML 4Page - Vectron International, Inc AR-51-09 Datasheet HTML 5Page - Vectron International, Inc AR-51-09 Datasheet HTML 6Page - Vectron International, Inc AR-51-09 Datasheet HTML 7Page - Vectron International, Inc AR-51-09 Datasheet HTML 8Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Vectron Interna onal • 267 Lowell Road, Suite 102, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • h p://www.vectron.com
Page 7 of 8
How To Order
Descrip on
Vectron P/N
Temperature Range
GPS Type
Communica on
Interface
TOD
Special Op ons
Standard
AR51A-09-00000
-25°C to +65°C
(71°C, 30 minutes – emergency)
C(A)
CLI
Have Quick + CLI
-
AR51A-09-xxxxx
Family
AR51A-09
AR51009 - X X X X X
Communica on Interface
0: CLI (standard)
L: CLI+ LAN interface (UDP, NTP)
S: CLI+ LAN interface (UDP, NTP, SNMP)
M: CLI + MuxBus 1553RT
Special Op ons (for customized configura ons)
0: No other op ons
1...N: the number indicates the special op ons
(*)Many special op ons are available (N_PPS,
customized name plate etc.).
Contact factory for special op ons
TOD
0: Have Quick + CLI (standard)
I: IRIG B + CLI
(*)Other TOD formats, like NMEA, TIPY ... are avail-
able. Please contact factory for details.
Temperature Range
0: (for standard version-(-25°C) to (+65°C)
W: (for wide temperature version)-(-40°C) to (+65°C)
(*)Both versions operate also at 71°C, 30 minutes
Internal GPS Type
0: C(A) Code (standard)
1: P(Y) Code SAASM
** Please note that not all combina ons may be possible. Please contact Vectron Interna onal for further informa on
NOTE: For the P(Y) code receiver op on, the customer need to supply the receiver.
Rev 1.0 Oct 2014


Número de pieza similar - AR-51-09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vectron International, ...
AR-51-07 VECTRON-AR-51-07 Datasheet
622Kb / 8P
GPS-Disciplined Rubidium Clock
AR-51-07-02 VECTRON-AR-51-07-02 Datasheet
622Kb / 8P
GPS-Disciplined Rubidium Clock
AR-51-07-04 VECTRON-AR-51-07-04 Datasheet
622Kb / 8P
GPS-Disciplined Rubidium Clock
AR-51-07-08 VECTRON-AR-51-07-08 Datasheet
622Kb / 8P
GPS-Disciplined Rubidium Clock
AR-51-07-09 VECTRON-AR-51-07-09 Datasheet
622Kb / 8P
GPS-Disciplined Rubidium Clock
More results

Descripción similar - AR-51-09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vectron International, ...
AR-51-07 VECTRON-AR-51-07 Datasheet
622Kb / 8P
GPS-Disciplined Rubidium Clock
AR-76 VECTRON-AR-76 Datasheet
731Kb / 10P
GPS-Disciplined Rubidium/OCXO Clock
logo
Connor-Winfield Corpora...
FTS125-COO-010.0 CONNOR-WINFIELD-FTS125-COO-010.0 Datasheet
720Kb / 10P
GPS Disciplined Oscillators
FTS125-CTV-010.0 CONNOR-WINFIELD-FTS125-CTV-010.0 Datasheet
875Kb / 10P
GPS Disciplined Oscillators
logo
Vectron International, ...
MD-0100-DXD-TCXO VECTRON-MD-0100-DXD-TCXO Datasheet
956Kb / 8P
GPS Disciplined Oscillator Module
MD-0110-DXD-TCXO VECTRON-MD-0110-DXD-TCXO Datasheet
968Kb / 8P
GPS Disciplined Oscillator Module
logo
Advanced XTAL Products
AXGPS5050 AXTAL-AXGPS5050 Datasheet
168Kb / 4P
Compact GPS-Disciplined OCXO 10.000 MHz
logo
IQD Frequency Products ...
LFRBXO059244 IQD-LFRBXO059244 Datasheet
302Kb / 2P
Rubidium
logo
Advanced XTAL Products
AXGPS9000 AXTAL-AXGPS9000 Datasheet
242Kb / 5P
GPS-Disciplined OCXO 10.000 MHz in 19??rack (1 HU)
logo
IQD Frequency Products ...
IQRB-2 IQD-IQRB-2 Datasheet
205Kb / 2P
Rubidium Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com